Electronic Components Datasheet Search
  English  ▼

X  

LMT86LP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMT86LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT86LP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT86LP Datasheet HTML 7Page - Texas Instruments LMT86LP Datasheet HTML 8Page - Texas Instruments LMT86LP Datasheet HTML 9Page - Texas Instruments LMT86LP Datasheet HTML 10Page - Texas Instruments LMT86LP Datasheet HTML 11Page - Texas Instruments LMT86LP Datasheet HTML 12Page - Texas Instruments LMT86LP Datasheet HTML 13Page - Texas Instruments LMT86LP Datasheet HTML 14Page - Texas Instruments LMT86LP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
(-10.9 mV /
oC) u
V =
T + 2103 mV
(-10.9 mV /
oC) u
V - 1885 mV =
(T - 20
oC)
1558 mV - 1885 mV
50
oC - 20oC
u
¹
·
V - 1885 mV =
(T - 20
oC)
V2 - V1
T2 - T1
u
¹
·
V - V1 =
(T - T1)
30
)
00347
.
0
(
2
mV
V
3
.
1777
00347
.
0
4
888
.
10
888
.
10
T
TEMP
2
u
u
u
ª
º
ª
º
«
»
«
»
¬
¼ ¬
¼
2
TEMP
2
mV
mV
V
mV = 1777.3mV - 10.888
T - 30°C
- 0.00347
T - 30°C
°C
°C
LMT86, LMT86-Q1
www.ti.com
SNIS169C – MARCH 2013 – REVISED OCTOBER 2015
Feature Description (continued)
Table 1. LMT86 and LMT86-Q1 Transfer Table (continued)
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
-32
2439
8
2014
48
1580
88
1133
128
676
-31
2429
9
2004
49
1569
89
1122
129
665
-30
2418
10
1993
50
1558
90
1110
130
653
-29
2408
11
1982
51
1547
91
1099
131
642
-28
2397
12
1971
52
1536
92
1088
132
630
-27
2387
13
1961
53
1525
93
1076
133
618
-26
2376
14
1950
54
1514
94
1065
134
607
-25
2366
15
1939
55
1503
95
1054
135
595
-24
2355
16
1928
56
1492
96
1042
136
584
-23
2345
17
1918
57
1481
97
1031
137
572
-22
2334
18
1907
58
1470
98
1020
138
560
-21
2324
19
1896
59
1459
99
1008
139
549
-20
2313
20
1885
60
1448
100
997
140
537
-19
2302
21
1874
61
1436
101
986
141
525
-18
2292
22
1864
62
1425
102
974
142
514
-17
2281
23
1853
63
1414
103
963
143
502
-16
2271
24
1842
64
1403
104
951
144
490
-15
2260
25
1831
65
1391
105
940
145
479
-14
2250
26
1820
66
1380
106
929
146
467
-13
2239
27
1810
67
1369
107
917
147
455
-12
2228
28
1799
68
1358
108
906
148
443
-11
2218
29
1788
69
1346
109
895
149
432
150
420
Although the LMT86 and LMT86-Q1 is very linear, its response does have a slight umbrella parabolic shape.
This shape is very accurately reflected in Table 1. The Transfer Table can be calculated by using the parabolic
equation.
(1)
The parabolic equation is an approximation of the transfer table and the accuracy of the equation degrades
slightly at the temperature range extremes. Equation 1 can be solved for T resulting in:
(2)
For an even less accurate linear transfer function approximation, a line can easily be calculated over the desired
temperature range from the Table using the two-point equation:
(3)
Where V is in mV, T is in °C, T1 and V1 are the coordinates of the lowest temperature, T2 and V2 are the
coordinates of the highest temperature.
For example, if we want to resolve this equation, over a temperature range of 20°C to 50°C, we would proceed
as follows:
(4)
(5)
(6)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMT86 LMT86-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com