Electronic Components Datasheet Search
  English  ▼

X  

STOD1317B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 2Page - STMicroelectronics STOD1317B Datasheet HTML 3Page - STMicroelectronics STOD1317B Datasheet HTML 4Page - STMicroelectronics STOD1317B Datasheet HTML 5Page - STMicroelectronics STOD1317B Datasheet HTML 6Page - STMicroelectronics STOD1317B Datasheet HTML 7Page - STMicroelectronics STOD1317B Datasheet HTML 8Page - STMicroelectronics STOD1317B Datasheet HTML 9Page - STMicroelectronics STOD1317B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum ratings
STOD1317B
6/22
DocID022607 Rev 2
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Supply voltage
-0.3 to +7.0
V
LX
Switching node
-0.3 to +16
V
VOUT_SET
LDO output voltage set
16
V
VOUT
Output voltage
-0.3 to +16
V
EN
Logic pin
-0.3 to 4.6
V
FB
Feedback pin
-0.3 to +2.5
V
ESD
Machine model
±200
V
Human body model
±2000
V
TAMB
Operating ambient temperature
-40 to 85
°C
TJ
Maximum operating junction temperature
+150
°C
TSTG
Storage temperature
-65 to 150
°C
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
49.1
°C/W
RthJC
Thermal resistance junction-case (FR-4 PCB)
4.216
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com