Electronic Components Datasheet Search
  English  ▼

X  

STOD1317B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 3Page - STMicroelectronics STOD1317B Datasheet HTML 4Page - STMicroelectronics STOD1317B Datasheet HTML 5Page - STMicroelectronics STOD1317B Datasheet HTML 6Page - STMicroelectronics STOD1317B Datasheet HTML 7Page - STMicroelectronics STOD1317B Datasheet HTML 8Page - STMicroelectronics STOD1317B Datasheet HTML 9Page - STMicroelectronics STOD1317B Datasheet HTML 10Page - STMicroelectronics STOD1317B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID022607 Rev 2
7/22
STOD1317B
Electrical characteristics
4
Electrical characteristics
TJ = 25 °C, VIN = 3.7 V, VOUT = 10 V, CIN = 2 x 10 µF, CMID = 2 x 4.7 µF, COUT = 2 x 4.7 µF,
L = 4.7 µH, VEN = 2 V, unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Operating power input
voltage range
2.6
3.7
4.8
V
Iq
Shutdown mode
Shutdown mode,
VEN=GND
0.5
1
µA
No switching
VEN=VIN=3.7V, VFB=1.3V
1
1.5
mA
VUVLO
Undervoltage lockout
threshold
VIN rising
2.4
2.5
V
VIN falling
2.1
2.2
fSW
Switching frequency
1
1.2
1.35
MHz
IPK
Switch current limitation
1.6
2
2.4
A
Output voltage (VOUT)
VFB
Feedback voltage
TA=25°C
1.08
1.2
1.32
V
∆VFB
Accuracy
-40°C<TA<85°C
1.02
1.38
V
VOUT
Output voltage range
6
10
13
V
∆VLINE/LOA
D
Total line/load static
variation (1)
TA=25°C; VIN=2.6V to
4.8V; IOUT=5mA to 170mA
30
40
mV
VOUT
RIPPLE
Output voltage ripple
VIN=3.7V, VOUT=10V,
IOUT=10mA
30
mV
VOVP
Overvoltage protection
VFB=0
14
15
16
V
ILKFB
FB pin leakage current
VFB=5V to 13V
1
µA
VMID
Step-up output voltage
regulation
VOUT +
0.38
VOUT +
0.56
VOUT +
0.7
V
Logic inputs
VIL
EN low-level input voltage
0.4
V
VIH
EN high-level input voltage
1.2
V
ILK-I
EN input leakage current
VEN=VIN=4.8V
1
µA
Power switches
RDSON
P-Channel ON resistance
ISW_P=100mA
550
900
mΩ
N-Channel ON resistance
ISW_N=100mA
250
400
ILKG-LX
LX leakage current
VIN=VLX=4.8V; VEN=0
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com