Electronic Components Datasheet Search
  English  ▼

X  

STOD1317B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 5 Page - STMicroelectronics

  STOD1317B Datasheet HTML 1Page - STMicroelectronics STOD1317B Datasheet HTML 2Page - STMicroelectronics STOD1317B Datasheet HTML 3Page - STMicroelectronics STOD1317B Datasheet HTML 4Page - STMicroelectronics STOD1317B Datasheet HTML 5Page - STMicroelectronics STOD1317B Datasheet HTML 6Page - STMicroelectronics STOD1317B Datasheet HTML 7Page - STMicroelectronics STOD1317B Datasheet HTML 8Page - STMicroelectronics STOD1317B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID022607 Rev 2
5/22
STOD1317B
Pin configuration
2
Pin configuration
Figure 3. Pin configuration (top view)
Table 3. Pin description
Pin name
Pin number
Description
VMID
1
Step-up output voltage
VOUT
2
LDO output voltage
VO_SET
3
LDO output voltage set
GND
4
Analog ground
FB
5
Feedback voltage
EN
6
Enable pin. Connect this pin to GND or a voltage lower than 0.4V
to shut down the IC. A voltage higher than 1.2V is required to
enable the IC
NC
7
Not connected
VIN
8
Supply voltage
PGND
9, 10
Power ground
LX
11, 12
Switch pin. Inductor connection to the internal switches
Exposed
PAD
Internally connected to PGND
LX
LX
PGND
PGND
VIN
NC
VMID
VOUT
VO_SET
GND
FB
EN
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com