Electronic Components Datasheet Search
  English  ▼

X  

STOD1317B Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD1317B Datasheet HTML 5Page - STMicroelectronics STOD1317B Datasheet HTML 6Page - STMicroelectronics STOD1317B Datasheet HTML 7Page - STMicroelectronics STOD1317B Datasheet HTML 8Page - STMicroelectronics STOD1317B Datasheet HTML 9Page - STMicroelectronics STOD1317B Datasheet HTML 10Page - STMicroelectronics STOD1317B Datasheet HTML 11Page - STMicroelectronics STOD1317B Datasheet HTML 12Page - STMicroelectronics STOD1317B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DocID022607 Rev 2
9/22
STOD1317B
Typical performance characteristics
5
Typical performance characteristics
TJ = 25 °C, VIN = 3.7 V, VOUT = 10 V, CIN = 2 x 10 µF, CMID = 2 x 4.7 µF, COUT = 2 x4.7 µF,
L = 4.7 µH, VEN = 2 V, unless otherwise specified.
Figure 4. Quiescent current vs. temperature
Figure 5. Switching frequency vs. temperature
Figure 6. Efficiency vs. output current
Figure 7. Switching frequency
VI
VIN = 3.7 V, IOUT = 170 mA, TJ = 25 °C
Figure 8. Soft-start inrush current
Figure 9. Feedback voltage vs. temperature
VIN = 3.7 V, NO LOAD, TJ = 25°C, SS:1.265 ms, Inrush
current: 260 mA
1.5
1.75
2
2.25
2.5
2.75
3
-25
0
25
50
75
100
125
Temperature [C]
1.25
1.27
1.29
1.31
1.33
1.35
-25
0
25
50
75
100
125
Temperature [C]
3.7V
2.9V
4.8V
55
60
65
70
75
80
85
90
0
20
40
60
80
100
120
140
160
180
Output Current [mA]
VIN=4.2V
VIN=3.7V
VIN=3.2V
VIN=2.9V
SW
VMID
VOUT
Frequency : 1.285 MHz
EN
VOUT
IIN
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
Input Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com