Electronic Components Datasheet Search
  English  ▼

X  

STOD1317B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STOD1317B
Description  Very high efficiency at light load thanks to pulse skipping operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317B Datasheet(HTML) 3 Page - STMicroelectronics

  STOD1317B Datasheet HTML 1Page - STMicroelectronics STOD1317B Datasheet HTML 2Page - STMicroelectronics STOD1317B Datasheet HTML 3Page - STMicroelectronics STOD1317B Datasheet HTML 4Page - STMicroelectronics STOD1317B Datasheet HTML 5Page - STMicroelectronics STOD1317B Datasheet HTML 6Page - STMicroelectronics STOD1317B Datasheet HTML 7Page - STMicroelectronics STOD1317B Datasheet HTML 8Page - STMicroelectronics STOD1317B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID022607 Rev 2
3/22
STOD1317B
Schematic
1
Schematic
Figure 1. Application schematic
Note:
All the above components refer to a typical application. Operation of the device is not limited
to the choice of these external components.
Table 2. Typical external components
Comp.
Manufacturer
Part number
Value
Ratings
Size
CIN
MURATA
Taiyo Yuden
TDK
GRM219R61A106KE44
LMK212BJ106KD-T
C1608X5R0J106
10µF
±10%, X5R, 10V
±10%, X5R, 10V
±10%, X5R, 6.3V
0805
0805
0603
CMID
MURATA
TDK
GRM219R61C475KE15
C2012X5R1C475
4.7µF
±10%, X5R, 16V
±10%, X5R, 16V
0805
0805
COUT
MURATA
TDK
GRM219R61C475KE15
C2012X5R1C475
4.7µF
±10%, X5R, 16V
±10%, X5R, 16V
0805
0805
L (1)
CoilCraft
TDK
DASTEK
LPS4012-472ML
VLS252012T-4R7MR81
PNL3008-4R7M
4.7µH
±20%, curr. 1.7A, resist. 0.175
±20%, curr. 1.3A, resist. 0.338
±20%, curr. 0.9A, resist. 0.280
4.0 x 4.0 x 1.2
2.5 x 2.0 x 1.2
3.1 x 3.1 x 0.8
R1
k
0402
R2
k
0402
1. Inductor used for the typical application conditions. Inductance values ranging from 3.3 µH to 6.8 µH can be used together
with the STOD1317B. A minimum saturation current of 1.2 A must be ensured to support 170 mA at 2.6 V in full range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com