Electronic Components Datasheet Search
  English  ▼

X  

ESDALC12-1T2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDALC12-1T2
Description  Single line transient surge voltage suppressor (TVS) for data and power line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC12-1T2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDALC12-1T2 Datasheet HTML 3Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 4Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 5Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 6Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 7Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 8Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 9Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 10Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ESDALC12-1T2
Package information
Doc ID 15025 Rev 3
7/11
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Figure 16.
Tape and reel specifications
Figure 14.
Footprint (dimensions in mm) Figure 15.
Marking
0.55
(0.022)
0.40
(0.016)
0.50
0.020
0.55
(0.022)
N Pin 2
N
Pin1
Pin 2
V
I
Cathode bar
User direction of unreeling
All dimensions in mm
4.0
2.0
2.0
Ø 1.55
0.6
0.68
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com