Electronic Components Datasheet Search
  English  ▼

X  

ESDALC12-1T2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC12-1T2
Description  Single line transient surge voltage suppressor (TVS) for data and power line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC12-1T2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC12-1T2 Datasheet HTML 1Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 2Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 3Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 4Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 5Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 6Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 7Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 8Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
ESDALC12-1T2
4/11
Doc ID 15025 Rev 3
Figure 11.
S21 attenuation measurement
Figure 9.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on each
channel
Figure 10.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on each
channel
100 ns/div
10 V/div
5 V/div
100 ns/div
300.0k
1.0M
3.0M
10.0M 30.0M 100.0M 300.0M 1.0G
3.0G
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
F (Hz)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com