Electronic Components Datasheet Search
  English  ▼

X  

ESDALC12-1T2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC12-1T2
Description  Single line transient surge voltage suppressor (TVS) for data and power line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC12-1T2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC12-1T2 Datasheet HTML 1Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 2Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 3Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 4Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 5Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 6Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 7Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 8Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
June 2012
Doc ID 15025 Rev 3
1/11
11
ESDALC12-1T2
Single line transient surge voltage suppressor (TVS)
for data and power line
Datasheet
− production data
Features
■
Stand-off voltage 10 V
■
Unidirectional device
■
Low clamping factor VCL/VBR
■
Breakdown voltage VBR = 12 V min.
■
Fast response time
■
Very thin package: 0.4 mm
■
Low leakage current
■
RoHS compliant
Benefits
■
High ESD robustness of the application
■
Suitable for high density boards
Complies with the following standards:
■
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■
MIL STD 883G - Method 3015-7: class 3B
Applications
Where transient overvoltage protection and
electrical overstress protection in sensitive
equipment are required, such as:
■
Computers
■
Printers
■
Communication systems
■
Cellular phone handsets and accessories
■
Video equipment
Figure 1.
Functional diagram
Description
The ESDALC12-1T2 is a unidirectional single line
Transil™ diode designed specially for protection
of integrated circuits in portable equipment and
miniaturized electronic devices subjected to ESD
and EOS transient over voltages. Packed in
SOD882T, it minimizes PCB occupation.
TM: Transil is a trademark of STMicroelectronics
SOD882T
GND
3
GND
I/O1
GND
www.st.com


Similar Part No. - ESDALC12-1T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results

Similar Description - ESDALC12-1T2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
DATA LINE TRANSIENT SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
ESDAVLC8-1BU2 STMICROELECTRONICS-ESDAVLC8-1BU2 Datasheet
228Kb / 11P
Single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for bidirectional ESD protection
15-May-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
ESDAXLC6-1BT2Y STMICROELECTRONICS-ESDAXLC6-1BT2Y Datasheet
392Kb / 12P
Automotive single-line extra low capacitance Transil, transient surge voltage suppressor (TVS) for ESD protection
03-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com