Electronic Components Datasheet Search
  English  ▼

X  

ESDALC12-1T2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC12-1T2
Description  Single line transient surge voltage suppressor (TVS) for data and power line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC12-1T2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC12-1T2 Datasheet HTML 1Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 2Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 3Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 4Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 5Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 6Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 7Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 8Page - STMicroelectronics ESDALC12-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDALC12-1T2
Characteristics
Doc ID 15025 Rev 3
3/11
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
8/20 µs
P (W)
PP
T (°C)
j
Tj = 125
°C
1
10
100
1000
1
10
100
1000
P (W)
PP
T initial = 25 °C
j
T (µs)
P
Figure 5.
Clamping voltage versus peak
pulse current (maximum values)
Figure 6.
Forward voltage drop versus peak
forward current (typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage
(typical values)
Figure 8.
Leakage current versus junction
temperature (typical values)
0.1
1.0
10.0
12
14
16
18
20
22
24
26
28
I (A)
PP
V (V)
CL
8/20 µs
T initial = 25 °C
j
0.00
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T = 25 °C
j
I
(A)
FM
V
(V)
FM
0
2
4
6
8
10
12
14
16
01
23
45
C(pF)
V (V)
R
F = 1 Mhz
V
= 30 mV
V= 0 V
T = 25 °C
OSC
RMS
r
j
0.01
0.10
1.00
10.00
25
50
75
100
125
I (nA)
R
T (°C)
j
V= V
= 10 V
RRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com