Electronic Components Datasheet Search
  English  ▼

X  

PC87415 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 16Page - National Semiconductor (TI) PC87415 Datasheet HTML 17Page - National Semiconductor (TI) PC87415 Datasheet HTML 18Page - National Semiconductor (TI) PC87415 Datasheet HTML 19Page - National Semiconductor (TI) PC87415 Datasheet HTML 20Page - National Semiconductor (TI) PC87415 Datasheet HTML 21Page - National Semiconductor (TI) PC87415 Datasheet HTML 22Page - National Semiconductor (TI) PC87415 Datasheet HTML 23Page - National Semiconductor (TI) PC87415 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
70 Functional Description (Continued)
TABLE I ATA Port Definition
Address
Read Function
Write Function
COMMAND BLOCK REGISTERS
1F0
Data (16 bits)
Data (16 bits)
1F1
Error Register
Features
1F2
Sector Count
Sector Count
1F3
Sector Number
Sector Number
1F4
Cylinder Low
Cylinder Low
1F5
Cylinder High
Cylinder High
1F6
DriveHead
DriveHead
1F7
Status
Command
CONTROL BLOCK REGISTERS
3F6
Alternate Status
Device Control
3F7
Drive Address
Not Used
(and floppy DSKCHG)
731 IDE Protocol
This section is provided as a reference only The device
passes these commands to the drive
Commands that transfer data can be grouped into different
classes according to the protocol followed for command ex-
ecution The different classes are
PIO Single sector read
PIO Block Mode read
PIO Single sector write
PIO Block Mode write
DMA Mode
7311 PIO Single Sector Reads
This class includes the following commands
Identify drive
Read buffer
Read sector(s)
Execution includes the transfer of one or more sectors of
data from the drive to the CPU
a The CPU writes any requIred parameters to the Fea-
tures Sector Count Sector Number Cylinder and Drive
Head registers
b The CPU writes the command code to the Command
Register
c When a sector of data is available the drive issues an
interrupt to the CPU
d After detecting the interrupt the CPU reads the Status
Register then reads one sector of data via the Data Reg-
ister In response to the Status Register being read the
drive clears the interrupt request
e If transfer of another sector is required the above se-
quence is repeated from c
TLF12497 – 3
The above sequence is repeated if accesses are directed to another channel
7312 PIO Block Mode Reads
This class includes the following command
Read multiple
Execution includes the transfer of a block of sectors of data
from the drive to the CPU
a The CPU writes any required parameters to the Features
Sector Count Sector Number Cylinder and DriveHead
registers
b The CPU writes the command code to the Command
Register
c When the block of sectors of data is available the drive
issues an interrupt to the CPU
d After detecting the interrupt the CPU reads the Status
Register then reads the sectors of data via the Data
Register In response to the Status Register being read
the drive clears the interrupt request
TLF12497 – 4
http
www nationalcom
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com