Electronic Components Datasheet Search
  English  ▼

X  

PC87415 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 6Page - National Semiconductor (TI) PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) PC87415 Datasheet HTML 10Page - National Semiconductor (TI) PC87415 Datasheet HTML 11Page - National Semiconductor (TI) PC87415 Datasheet HTML 12Page - National Semiconductor (TI) PC87415 Datasheet HTML 13Page - National Semiconductor (TI) PC87415 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
50 Configuration Registers (Continued)
Reg
RW
Description
(HEX)
1C – 1F
RW
BASE ADDRESS REGISTER 3 (BAR3)
Used for channel 2 control block access if channel 2 is programmed to
be in native mode The device decodes 4 bytes of address space for control block accesses This register is
always readwrite regardless of the setting of the NativeLegacy bit in the PIF
Bit 0 always 1
Bit 1 always 0
20 – 23
RW
BASE ADDRESS REGISTER 4 (BAR4)
Used to address the Bus Master IDE control and status registers
Bit 0 always 1
Bit 1 always 0
Bit 2 always 0
Bit 3 always 0
24–3B
NOT USED
3C
RW
INTERRUPT LINE
(default is 0Eh)
3D
R
INTERRUPT PIN
Bit 0 Always 1 Designates INTA
Bit 1 – 7 0000000
3E–3F
NOT USED
http
www nationalcom
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com