Electronic Components Datasheet Search
  English  ▼

X  

PC87415 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 23Page - National Semiconductor (TI) PC87415 Datasheet HTML 24Page - National Semiconductor (TI) PC87415 Datasheet HTML 25Page - National Semiconductor (TI) PC87415 Datasheet HTML 26Page - National Semiconductor (TI) PC87415 Datasheet HTML 27Page - National Semiconductor (TI) PC87415 Datasheet HTML 28Page - National Semiconductor (TI) PC87415 Datasheet HTML 29Page - National Semiconductor (TI) PC87415 Datasheet HTML 30Page - National Semiconductor (TI) PC87415 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
70 Functional Description (Continued)
74222 Bus Master Reads
The device arbitrates onto the bus and waits for a grant
When the bus is granted the device reads the descriptor
from system memory and loads the address pointer and
byte count It then begins to read data from system memory
and buffering it in the posted write buffers until the buffer is
full When the FIFO is full the device releases the PCI bus
When the device sees data in the buffer it begins to write to
the drive The device will request the PCI bus whenever the
posted write buffer is either empty or half full If the posted
write buffer is empty (initial condition or due to another mas-
ter on the PCI bus interrupting the transfer) then the device
reads in 4 Dwords from memory filling the buffers If the
posted write buffer is half full then the device reads in 2
Dwords from memory filling the buffers If another device
becomes a bus master while reading from memory the de-
vice will continue to write data to the drive emptying the
write buffers The device continues to request the PCI bus if
the byte count is 0 and EOT e 0 and the buffer is empty
When it receives a grant the device bursts in data (4
Dwords) into the write buffer until it is full When the byte
count is 0 and it was the last descriptor (EOT is 1) the
device relinquishes the bus while the write buffers are being
emptied out onto the IDE bus If it wasn’t the last descriptor
(EOT is 0) the device reads the new descriptor from memo-
ry while the device is writing out to the drive the contents of
the write buffers
Figure 8 shows the DMA flow
TLF12497 – 33
FIGURE 8 Bus Master ReadsScenario 2
7423 Scenario 3
The device requests the bus while another master started a
bus transaction While the transfer takes place another
master requests the bus The latency timer is set to 2 ms
74231 Bus Master Writes
The device arbitrates for the PCI bus and at the same time
begins reading the data from the drive and filling the pre-
fetch buffers The device waits until the other master com-
pletes and the bus is granted After the bus is granted the
device reads the descriptor from memory loads the address
pointer and byte count and then starts writing out the pre-
fetched data out onto the PCI bus (4 Dwords) The device
will request the PCI bus everytime the prefetch buffer is
either half full or full When the prefetch buffer is half full
then the device will write out 2 Dwords to memory When
the prefetch buffer is full (due to another master owning the
PCI bus) then the device will write out 4 Dwords to memory
If another device becomes a master while the device is writ-
ing out to memory the device will continue to prefetch data
from the drive until the prefetch buffers are full at which time
it stops prefetching The device continues to request the
bus if the prefetch buffer is full When it receives a grant the
device writes out the data (4 Dwords) from the prefetch buff-
ers until the byte count is 0 When the byte count is 0 and it
was the last descriptor (EOT is 1) the device relinquishes
the bus If it wasn’t the last descriptor (EOT is 0) the device
continues prefetching from the drive while reading the new
descriptor from memory
Figure 9 shows the DMA flow
TLF12497 – 34
FIGURE 9 Bus Master WritesScenario 3
http
www nationalcom
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com