Electronic Components Datasheet Search
  English  ▼

X  

PC87415 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 25Page - National Semiconductor (TI) PC87415 Datasheet HTML 26Page - National Semiconductor (TI) PC87415 Datasheet HTML 27Page - National Semiconductor (TI) PC87415 Datasheet HTML 28Page - National Semiconductor (TI) PC87415 Datasheet HTML 29Page - National Semiconductor (TI) PC87415 Datasheet HTML 30Page - National Semiconductor (TI) PC87415 Datasheet HTML 31Page - National Semiconductor (TI) PC87415 Datasheet HTML 32Page - National Semiconductor (TI) PC87415 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
70 Functional Description (Continued)
74242 PCI Master Writes
When the device wants to transfer data from the drive into
memory it will request the PCI bus under the following con-
ditions
(prefetch buffer is full or half full) or ((CHx
INT) and ((EOT
is 0) or (byte count is not 0)))
The device will request the bus when the prefetch buffer is
full or half full or one of the channel generates an interrupt
while the DMA is still active (not EOT or byte count is not 0)
When the device is granted the PCI bus it will assert
FRAME
and write 2 Dwords (if the prefetch buffer is half
full) or 4 Dwords (if the prefetch buffer is full) to memory As
soon as the first Dword is written out to memory the read
prefetch buffer will no longer be full or half full so therefore
the PCI request will be deasserted until the read prefetch
buffer is written out to memory The device will keep assert-
ing FRAME
until all 4 Dwords are written to memory If the
device encounters a retry (STOP
asserted) while writing
the 2 or 4 Dwords it will release FRAME
and wait until the
read prefetch buffer is either full or half full again When the
prefetch buffer is full the device will request the PCI bus
and try to write 4 more Dwords to memory When the pre-
fetch buffer is half full the device will request the PCI bus
and try to write 2 or more Dwords to memory
Each Dword write cycle is first qualified with the DMA being
active or the prefetch buffer not empty The condition for
deasserting FRAME
is expressed by the following
(burst in 2 or 4 Dwords) or (prefetch buffer is empty) or
((EOT is 1) and (byte count is 0))
If the byte count was programmed to be less than the drive
transfer length the device will stop writing data out to mem-
ory as soon as byte count is 0 and will release the PCI bus
but will continue to prefetch from the drive because DMREQ
is still asserted (drive is not finished) The DMA controller
will then stop and walt for software to do something When
the software times out it will read the DMA status register
When the device sees a stop command and another start
command it will clear the contents of the prefetch buffers
743 Master Aborts
When a DMA channel is transferring data to a PCI target
and the target does not respond with DEVSEL
a master
abort condition occurs During master abort the following
actions are taken
1 Set bit 13 of Status register (07h) indicating that the
transaction was terminated by a master abort
2 Set the error bit in the Bus Master IDE status register for
the appropriate channel
3 Clear the Active bit in the Bus Master IDE status register
for the appropriate channel
4 Relinquish the PCI bus (de-assert REQ )
5 De-assert DMACK
to the IDE drive and stop IDE cy-
cles
6 Clear buffers of the appropriate channel
744 Target Aborts
When a DMA channel is transferring data to a PCI target
and the target issues a target abort the following actions are
taken
1 Set bit 12 of Status reg (07) indicating that the transac-
tion was terminated by a target abort
2 Set the error bit in the Bus Master IDE status register for
the appropriate channel
3 Clear the Active bit in the Bus Master IDE status register
for the appropriate channel
4 Relinqulsh the PCI bus (de-assert REQ )
5 De-assert DMACK
to the IDE drive and stop IDE cy-
cles
6 Clear buffers of the appropriate channel
745 Data Synchronization
The following is the protocol for data synchronization
i During DMA delay the interrupt from the IDE until the
FIFO is empty and the EOT e 1 and BC e 0
ii No retry cycles generated when reading the DMA status
registers (DMA status registers are always readable)
When the device is doing PCI master writes the device buff-
ers data from the drive using the prefetch buffers If an IDE
interrupt is encountered while the prefetch buffers are not
emptied the device delays the interrupt (INTA or IRQ14 or
IRQ15) until the FIFO is emptied and until EOT equals 1 and
Byte Count equals 0 This is done to ensure that when soft-
ware reads the status register of the device (caused by re-
ceiving an IDE interrupt) the device has already flushed the
prefetch buffers
There are four cases that need to be considered when soft-
ware reads the status register of the device normal byte
count is less than IDE transfer size byte count is greater
than IDE transfer size and transfer in progress
7451 Normal
In normal completion CHx
INT is delayed until the channel
x FIFO is empty and EOT equals 1 and Byte Count equals 0
The status register will indicate Channel x Interrupt bit set
and the Channel x Active bit set indicating a normal comple-
tion
7452 Byte Count is Less Than IDE Transfer Size
When the Byte Count is programmed to be less than the
IDE transfer size by more than 4 DWords an IDE interrupt
will not be generated and the software will time out When
the software reads the device’s status register it will see the
Channel x Interrupt bit not set and the Channel x Active bit
not set
When the Byte Count is programmed to be less than the
IDE transfer size by less than 4 DWords an IDE interrupt
will be received by the device but will be blocked because
the FIFO is not empty The software will time out because it
has not received any interrupt It will then read the status
register and will see the Channel x Interrupt bit set and the
Channel x Active bit not set This will be interpreted as an
error condition (even though the status register reads back
as normal completion) because no interrupt has been re-
ceived
http
www nationalcom
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com