Electronic Components Datasheet Search
  English  ▼

X  

PC87415 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 5Page - National Semiconductor (TI) PC87415 Datasheet HTML 6Page - National Semiconductor (TI) PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) PC87415 Datasheet HTML 10Page - National Semiconductor (TI) PC87415 Datasheet HTML 11Page - National Semiconductor (TI) PC87415 Datasheet HTML 12Page - National Semiconductor (TI) PC87415 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
50 Configuration Registers (Continued)
Reg
RW
Description
(HEX)
08
R
REV ID
01h
09
RW
PROGRAMMING INTERFACE (PIF)
Bit 0 This bit determines what addresses channel 1 responds to The default value is the sampled value of the
LEGACY
pin (sampled on the rising edge of RST )
0 Channel 1 responds to addresses 1F0 – 1F7 and 3F6 Base registers 0 and 1 (10h – 17h) are not used
legacy mode
1 Channel 1 responds to addresses programmed in base register 0 and 1native mode
Bit 1 Always 1 Channel 1 has programmable selection of modes Bit 0 determines which mode (default) This
bit is read only
Bit 2 This bit determines what addresses channel 2 responds to The default value is the sampled value of the
LEGACY
pin (sampled on the rising edge of RST )
0 Channel 2 responds to addresses 170 – 177 and 376 Base registers 2 and 3 (18h – 1Fh) are not used
legacy mode
1 Channel 2 responds to addresses programmed in base register 2 and 3native mode
Bit 3 Always 1 Channel 2 has programmable selection of modes Bit 2 determines which mode (default) This
bit is read only
Bit 4 – 6 Reserved
Bit 7 Always 1 Indicating that the device supports Master IDE
0A
R
SUB-CLASS CODE
01h (IDE controller)
0B
R
CLASS CODE
01h (Mass Storage controller)
0C
Not used
0D
RW
LATENCY TIMER
This register specifies in units of PCI bus clocks the value of the 8 most significant bits of an
11-bit Latency Timer for this device when the internal DMA controller is used and the device is a bus master
0E
R
HEADER TYPE
00h
0F
R
BIST
00h
10 – 13
RW
BASE ADDRESS REGISTER 0 (BAR0)
Used for channel 1 datacommand block accesses if channel 1 is
programmed to be in native mode The device decodes 8 bytes of address space for datacommand block
accesses This register is always readwrite regardless of the setting of the NativeLegacy bit in the PIF
Bit 0 always 1
Bit 1 always 0
Bit 2 always 0
14 – 17
RW
BASE ADDRESS REGISTER 1 (BAR1)
Used for channel 1 control block access if channel 1 is programmed to
be in native mode The device decodes 4 bytes of address space for control block accesses This register is
always readwrite regardless of the setting of the NativeLegacy bit in the PIF
Bit 0 always 1
Bit 1 always 0
18 – 1B
RW
BASE ADDRESS REGISTER 2 (BAR2)
Used for channel 2 datacommand block accesses if channel 2 is
programmed to be in native mode The device decodes 8 bytes of address space for datacommand block
accesses This register is always readwrite regardless of the setting of the NativeLegacy bit in the PIF
Bit 0 always 1
Bit 1 always 0
Bit 2 always 0
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com