Electronic Components Datasheet Search
  English  ▼

X  

PCF5079 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF5079
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF5079 Datasheet HTML 8Page - NXP Semiconductors PCF5079 Datasheet HTML 9Page - NXP Semiconductors PCF5079 Datasheet HTML 10Page - NXP Semiconductors PCF5079 Datasheet HTML 11Page - NXP Semiconductors PCF5079 Datasheet HTML 12Page - NXP Semiconductors PCF5079 Datasheet HTML 13Page - NXP Semiconductors PCF5079 Datasheet HTML 14Page - NXP Semiconductors PCF5079 Datasheet HTML 15Page - NXP Semiconductors PCF5079 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
2001 Nov 21
12
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
Note
1. A resistive load on pins VCD or VCG to ground (VSS) does not result in additional current consumption.
ILH
HIGH-level input leakage current
VIH = 5.0 V
−5
−
+5
µA
CI
input capacitance
−
10
−
pF
Sensor inputs and bias current source (pins VS1 and VS2)
VVS2
input voltage
−3
−
VDD
V
VVS1
input voltage
−3
−
VDD
V
Ibias1,
Ibias2
bias current source for detector
diodes D1 and D2
VI =0V; Tamb =25 °C; see Fig.6
VDD = 2.5 V
172839
µA
VDD = 5.0 V
213345
µA
TCIbias1,
TCIbias2
temperature coefficient of
Ibias1 and Ibias2
−
0.07
−
mA/K
Internal home position voltage
Vhome
internal home position voltage
Tamb =25 °C
0.550
0.600
0.650
V
TCVhome
temperature coefficient for Vhome
−−2.1
−
mV/K
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
handbook, halfpage
2.5
3.5
4.5
34
5
VDD (V)
Ibias
(
µA)
35
27
MGT332
33
31
29
Fig.6
Typical value of Ibias as a function of
VDD at Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com