Electronic Components Datasheet Search
  English  ▼

X  

PCF5079 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF5079
Description  Dual-band power amplifier controller for GSM, PCN and DCS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5079 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF5079 Datasheet HTML 11Page - NXP Semiconductors PCF5079 Datasheet HTML 12Page - NXP Semiconductors PCF5079 Datasheet HTML 13Page - NXP Semiconductors PCF5079 Datasheet HTML 14Page - NXP Semiconductors PCF5079 Datasheet HTML 15Page - NXP Semiconductors PCF5079 Datasheet HTML 16Page - NXP Semiconductors PCF5079 Datasheet HTML 17Page - NXP Semiconductors PCF5079 Datasheet HTML 18Page - NXP Semiconductors PCF5079 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
2001 Nov 21
15
Philips Semiconductors
Product specification
Dual-band power amplifier controller for
GSM, PCN and DCS
PCF5079
12 APPLICATION INFORMATION
handbook, full pagewidth
Vprebias
−80
−70
−60
−50
−40
−30
−20
−10
0
RFout
(dBc)
−28
−18
−10
0
+543
+553
+561
+571
time (
µs)
typ
<0.9VDD
of PCF5073x
typ
>0.85VDD
with RL = 350 Ω
PA conduction
threshold
CODESTART
CODESTART(1)
CODEEND
CODEKICK
VVDAC
VVCD, VVCG
PU
(PCF5079)
RFin
MGT329
time
time
tA
(2)
02468
10
12
14
16
16
+n
18
+n
20
+n
22
+n
24
+n
26
+n
28
+n
30
+n
32
+n
nx (2
× QB)
time (2
× QB)
02468
10
12
14
16
16
+n
18
+n
20
+n
22
+n
24
+n
26
+n
28
+n
30
+n
32
+n
nx (2
× QB)
time (2
× QB)
>20 µs
<1 µs
APEDAC3
(PCF5073x)
time
Fig.12 Timing diagram for one time slot with PCF5073x family.
(1) The software design must guarantee that CODESTART is applied before the PU transition from logic 0 to logic 1.
(2) The exact duration of tA depends on both PCF5079 and the application loop characteristics. The duration should be long enough to ensure that
VVCD,VVCG is below the PA conduction threshold. The contribution of PCF5079 is mainly due to the group delay of the low-pass filter on the VDAC
input (see Fig.11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com