Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7771 Datasheet HTML 3Page - Analog Devices AD7771 Datasheet HTML 4Page - Analog Devices AD7771 Datasheet HTML 5Page - Analog Devices AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev. PrC | Page 6 of 13
Parameter
Test Conditions
Comment
Min
Typ
Max
Unit
8 KSPS, LP Mode
110
2 KSPS, LP Mode,
118
THD
HR
-109
dB
LP
-106
SINAD
106
SFDR
107
dB
IMD
fA = 50 Hz, fB = 51 Hz, HR
125
dB
fA = 50 Hz, fB = 51 Hz, LP
105
DC Power Supply Rejection
AVDD1x = 3.3V
-90
dB
DC Common Mode Rejection
Ratio
80
dB
Crosstalk
Up to 2 kHz input.
Reference Buffer Full
mode
-110
dB
DC ACCURACY
Integral Nonlinearity
End Point Method
±7
±15
ppm/FSR
Offset Error
±40
±250
µV
Offset Error Drift
±0.5
µV/°C
Versus Time
TBD
nV/1000
hrs
Offset Matching
30
µV
Gain Error
PGAGAIN = 1
±0.1%
FS
Gain Drift vs. Temperature
150
ppm/°C
Gain Matching
±0.1
%
SAR ADC
SPEED & PERFORMANCE
Resolution
12
Bits
Analog Input Range
AVSS4+0.1
AVDD4-0.1
V
Analog Input Common Mode
Range
AVSS4+0.1
(AVDD4-AVSS4)/2
AVDD4-0.1
V
Analog Input Leakage Current
±10
nA
Throughput
256
kSPS
TUE
DC ACCURACY
Differential Mode
INL
LSB
DNL
No Missing codes (12 bit)
1.5
LSB
Offset
1
LSB
Gain
0.6
LSB
TUE
TBD
LSB
AC PERFORMANCE
SNR
1 kHz
66
dB
THD
1 kHz
-83
dB
VCM PIN
Output
(AVDD1−AVSS)/2
V
Load Current
IL
1
mA
Load Regulation
∆VOUT/∆IL
12
μV/mA
Short Circuit Current
5
mA
LOGIC INPUTS
Input High Voltage, VINH
1.65V≤ IOVDD ≤1.95V
0.65×IOVDD
V
AD7771
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com