Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7771 Datasheet HTML 4Page - Analog Devices AD7771 Datasheet HTML 5Page - Analog Devices AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rev. PrC | Page 7 of 13
Parameter
Test Conditions
Comment
Min
Typ
Max
Unit
2.3V≤ IOVDD ≤3.6V
0.7× IOVDD
V
Input Low Voltage, VINL
1.65V≤ IOVDD ≤1.95V
0.35× IOVDD
V
2.3V≤ IOVDD ≤3.6V
0.4
V
Hysteresis2
0.2
%
IOVDD <2.7V
0.1
%
Input Currents
-10
+10
µA
LOGIC OUTPUT (DOUT/RDY, DCLK,
SDOUT, GPIO)
Output High Voltage, VOH
IOVDD ≥ 3V, ISOURCE = 1mA
0.8× IOVDD
V
2.3≤IOVDD< 3V, ISOURCE
500μA
0.8× IOVDD
V
IOVDD <2.3V, ISOURCE =
200μA
0.8× IOVDD
V
Output Low Voltage, VOL
IOVDD ≥3V, ISINK 2mA
0.4
V
2.3≤IOVDD <3V, ISINK 1mA
0.4
V
IOVDD < 2.3V, ISINK 100μA
0.4
V
Leakage Current
Floating State
-10
+10
µA
Output Capacitance
Floating State
10
pF
ΣΔ Data Output Coding
2s Comp
SAR Data Output Coding
Binary
POWER SUPPLIES
All ΣΔ Channels Enabled
CMOS clock,
AVDD1x/AVDD2x/AVDD4
= 3.3v, IOVDD = 1.8v
AVDD1x − AVSS
3.0
3.6
V
I_AVDD1x12
Reference Buffer Pre-Q ,
VCM Enable, Internal
reference Enable
HR
17
LP
4.5
mA
Reference Buffer Enable,
VCM Enabled, Internal
reference Enabled
mA
HR
19
LP
5
mA
Reference Buffer Disable,
VCM disabled, Internal
reference Disabled
mA
HR
13
LP
3.5
mA
AVDD2 – AVSS
2.2
3.6
V
I_AVDD2x
HR
9
mA
LP
3.5
mA
AVDD4 – AVSS4
AVDD1x
3.6
IAVDD4
SAR enable, 256ksps
1.6
mA
SAR disable
0.05
uA
AVSS-DGND
-1.8
0
V
Preliminary Technical Data
AD7771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com