Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 1 Page - Analog Devices

  AD7771 Datasheet HTML 1Page - Analog Devices AD7771 Datasheet HTML 2Page - Analog Devices AD7771 Datasheet HTML 3Page - Analog Devices AD7771 Datasheet HTML 4Page - Analog Devices AD7771 Datasheet HTML 5Page - Analog Devices AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse. Specificationssubjecttochangewithoutnotice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
FEATURES
8 Channel 24-Bit Simultaneous Sampling ADCs
Sample Rate Converter (SRC) for coherent sampling
Adjustable Phase Synchronization
PGA per Channel (gain 1, 2, 4, 8)
Low Input Bias Current: 6nA
Single Ended or True Differential Inputs
128ksps Output Data Rate/per channel
Internal 2.5V reference
Optimize Power Dissipation & Performance
Two Power Modes:
High Resolution Mode
Low Power Mode
Low Latency Sinc3 and Sinc5 Filter Paths
Low Resolution SAR ADC for System and Chip Diagnostics
POWER SUPPLY
Bipolar (±1.65V Supply) or Unipolar (3.3V Supply) Supply
Digital/IO Supply 1.8V to 3.6V
Performance Temperature range: –40°C to +105°C
Functional Temperature range: –40°C to +125°C
PERFORMANCE
Combined AC & DC Performance
112dB SNR/Dynamic Range at 8 kSPS
-108dB THD
±15ppm INL, ±250 uV Offset Error, ±0.1% Gain Error
±5 ppm/°C typ Internal Reference TempCo
APPLICATIONS
Power quality and Measurement Applications
General Purpose Data Acquisition Applications
Industrial Process Control Applications
FUNCTIONAL BLOCK DIAGRAM
Figure 1 AD7771 Functional Block Diagram
8-Ch, 24-Bit Simultaneous Sampling ADC
Preliminary Technical Data
AD7771
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2015 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD7771

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD7771BCPZ AD-AD7771BCPZ Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD7771BCPZ-RL AD-AD7771BCPZ-RL Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
More results

Similar Description - AD7771

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7770 AD-AD7770 Datasheet
1Mb / 94P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. A
AD7779 AD-AD7779 Datasheet
1Mb / 97P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. 0
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. C
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
logo
Linear Technology
LTC2320-12 LINER-LTC2320-12 Datasheet
1Mb / 32P
Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com