Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices AD7771 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rev. PrC | Page 13 of 13
Pin No.
Mnemonic
Type
Direction
Description
60
AVSS2B
Supply
Input
Negative Analog supply. Connect all AVSSx together
61
AVSS4
Supply
Supply
Negative SAR Analog Supply and reference. Connect all AVSSx together
62
AVDD4
Supply
Supply
Positive SAR Analog Supply and Reference source, supply range from
AVDD1x to 3.6V
63
AuxAin+
Analog Input
Input
SAR Analog Input Channel
64
AuxAin-
Analog Input
Input
SAR Analog Input Channel
Preliminary Technical Data
AD7771
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective
owners.
PR13802-0-10/15(PrC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com