Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices AD7771 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Rev. PrC | Page 9 of 13
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
Parameter
Rating
AVDDx to AVSSx
−0.3 V to +3.96V
AVSSx to DGND
−1.98 V to +0.3 V
ARegxCap to AVSSx
−0.3 V to +1.98V
DRegCap to DGND
−0.3 V to +1.98V
IOVDD to DGND
−0.3 V to +3.96V
IOVDD to AVSSx
−0.3 V to +5.94 V
AVSS4 to AVSSx
AVDD1x −0.3 V to +3.96V
Analog Input Voltage
AVSSx− 0.3 V to AVDD1x+0.3 V
or +3.96V (whichever is less)
Refx Input Voltage
AVSSx− 0.3 V to AVDD1x+0.3 V
or +3.96V (whichever is less)
AUXIN+/AUXIN-
AVSSx− 0.3 V to AVDD4+0.3 V or
+3.96V (whichever is less)
Digital Input Voltage to
DGND
DGND − 0.3 V to IOVDD + 0.3 V
or +3.96V (whichever is less)
Digital Output Voltage to
DGND
DGND− 0.3 V to IOVDD + 0.3 V
or +3.96V (whichever is less)
XTAL1 to DGND
DGND −0.3 V to DRegCap +0. 3V
or +1.98V (whichever is less)
Ain/Digital Input Current
TBD mA
Operating Temperature
Range
−40°C to +125°C
Junction Temperature,
(TJ maximum)
+150°C
Storage temperature
Range
−65°C to +150°C
Reflow soldering
260°C
ESD
2kV
FICDM
Corner pins (1, 16, 17,
32, 33, 48, 49, 64)
+750V
Others
+500V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Close attention to PCB thermal design
is required.
Table 3. Thermal Resistance
Package Type
θja
θJb
Ψjt
Ψjb
UNITS
64-CP-151
30.43
0.13
6.59
°C/W
64-CP-152
22.62
3.17
0.09
3.19
°C/W
1-
Thermal impedance simulated values are based on JEDEC 2S2P
thermal test board with no thermal vias. See JEDEC JESD51.
2-
Thermal impedance simulated values are based on JEDEC 2S2P
thermal test board with 49 thermal vias. See JEDEC JESD51.
ESD CAUTION
Preliminary Technical Data
AD7771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com