Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 17 Page - Xicor Inc.

Part # X9110
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9110 Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X9110 Datasheet HTML 13Page - Xicor Inc. X9110 Datasheet HTML 14Page - Xicor Inc. X9110 Datasheet HTML 15Page - Xicor Inc. X9110 Datasheet HTML 16Page - Xicor Inc. X9110 Datasheet HTML 17Page - Xicor Inc. X9110 Datasheet HTML 18Page - Xicor Inc. X9110 Datasheet HTML 19Page - Xicor Inc. X9110 Datasheet HTML 20Page - Xicor Inc. X9110 Datasheet HTML 21Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
X9110
– Preliminary Information
Characteristics subject to change without notice.
17 of 21
REV 1.1.4 11/13/00
www.xicor.com
APPLICATIONS INFORMATION
Basic Configurations of Electronic Potentiometers
Application Circuits
VR
RW
+VR
I
Three terminal Potentiometer;
Variable voltage divider
Two terminal Variable Resistor;
Variable current
Noninverting Amplifier
Voltage Regulator
Offset Voltage Adjustment
Comparator with Hysterisis
+
–
VS
VO
R2
R1
VO = (1+R2/R1)VS
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
+
–
VS
VO
R2
R1
VUL = {R1/(R1+R2)} VO(max)
RLL = {R1/(R1+R2)} VO(min)
100K
Ω
10K
Ω
10K
Ω
10K
Ω
-12V
+12V
TL072
+
–
VS
VO
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com