Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9110
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9110 Datasheet(HTML) 3 Page - Xicor Inc.

  X9110 Datasheet HTML 1Page - Xicor Inc. X9110 Datasheet HTML 2Page - Xicor Inc. X9110 Datasheet HTML 3Page - Xicor Inc. X9110 Datasheet HTML 4Page - Xicor Inc. X9110 Datasheet HTML 5Page - Xicor Inc. X9110 Datasheet HTML 6Page - Xicor Inc. X9110 Datasheet HTML 7Page - Xicor Inc. X9110 Datasheet HTML 8Page - Xicor Inc. X9110 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X9110
– Preliminary Information
Characteristics subject to change without notice.
3 of 21
REV 1.1.4 11/13/00
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
(TSSOP)
Pin
(XBGA)
Symbol
Function
1
V+
Analog Supply Voltage
2
SO
Serial Data Output
3
A0
Device Address
4
SCK
Serial Clock
5WP
Hardware Write Protect
6
SI
Serial Data Input
7VSS
System Ground
8V
-
Analog Supply Voltage
9CS
Chip Select
10
HOLD
Device Select. Pause the Serial Bus
11
RW
Wiper Terminal of the Potentiometer
12
RH
High Terminal of the Potentiometer
13
RL
Low Terminal of the Potentiometer
14
VCC
System Supply Voltage
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
A0
RW
SCK
CS
TSSOP
RH
X9110
XBGA
S0
V+
SI
HOLD
WP
X9110
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com