Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9110
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9110 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9110 Datasheet HTML 2Page - Xicor Inc. X9110 Datasheet HTML 3Page - Xicor Inc. X9110 Datasheet HTML 4Page - Xicor Inc. X9110 Datasheet HTML 5Page - Xicor Inc. X9110 Datasheet HTML 6Page - Xicor Inc. X9110 Datasheet HTML 7Page - Xicor Inc. X9110 Datasheet HTML 8Page - Xicor Inc. X9110 Datasheet HTML 9Page - Xicor Inc. X9110 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
X9110 – Preliminary Information
Characteristics subject to change without notice.
6 of 21
REV 1.1.4 11/13/00
www.xicor.com
Table 1. Wiper Control Register, WCR (10-bit), WCR9–WCR0: Used to store the current wiper position (Volatile, V)
Table 2. Data Register, DR (10-bit), Bit 9–Bit 0: Used to store wiper positions or data (Non-Volatile, NV)
Table 3. Status Register, SR (1-bit)
WCR9
WCR8
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
VVVVVVVVVV
(MSB)
(LSB)
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NV
NV
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB
WIP
(LSB)
DEVICE INSTRUCTIONS
Identification Byte (ID and A)
The first byte sent to the X9110 from the host, following
a CS going HIGH to LOW, is called the Identification
Byte. The most significant four bits of the slave address
are a device type identifier. The ID[3:0] bits is the
device ID for the X9110; this is fixed as 0101[B] (refer
to Table 4).
The A0 bit in the ID byte is the internal slave address.
The physical device address is defined by the state of
the A0 input pin. The slave address is externally
specified by the user. The X9110 compares the serial
data stream with the address input state; a successful
compare of the address bit is required for the X9110 to
successfully continue the command sequence. Only
the device whose slave address matches the incoming
device address sent by the master executes the
instruction. The A0 input can be actively driven by
CMOS input signals or tied to VCC or VSS. The R/W bit
is used to set the device to either read or write mode.
Instruction Byte and Register Selection
The next byte sent to the X9110 contains the
instruction and register pointer information. The three
most significant bits are used provide the instruction
opcode (I[2:0]). The RB and RA bits point to one of the
four registers. The format is shown in Table 5.
Table 4. Identification Byte Format
Table 5. Instruction Byte Format
ID3
ID2
ID1
ID0
0
0
A0
R/W
0101
(MSB)
(LSB)
Device Type
Identifier
Internal Slave
Address
Read or
Write Bit
I2
I1
I0
0
RB
RA
0
0
(MSB)
(LSB)
Instruction
Opcode
Register
Selection
RB
RA
Register
0
0
1
1
0
1
0
1
DR0
DR1
DR2
DR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com