Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9110
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9110 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9110 Datasheet HTML 3Page - Xicor Inc. X9110 Datasheet HTML 4Page - Xicor Inc. X9110 Datasheet HTML 5Page - Xicor Inc. X9110 Datasheet HTML 6Page - Xicor Inc. X9110 Datasheet HTML 7Page - Xicor Inc. X9110 Datasheet HTML 8Page - Xicor Inc. X9110 Datasheet HTML 9Page - Xicor Inc. X9110 Datasheet HTML 10Page - Xicor Inc. X9110 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X9110 – Preliminary Information
Characteristics subject to change without notice.
7 of 21
REV 1.1.4 11/13/00
www.xicor.com
Five of the seven instructions are four bytes in length.
These instructions are:
– Read Wiper Counter Register – read the current
wiper position of the selected pot,
– Write Wiper Counter Register – change current
wiper position of the selected pot,
– Read Data Register – read the contents of the
selected data register;
– Write Data Register – write a new value to the
selected data register.
– Read Status – This command returns the contents
of the WIP bit which indicates if the internal write
cycle is in progress.
The basic sequence of the four byte instructions is
illustrated in Figure 3. These four-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the
wiper to this action will be delayed by tWRL. A transfer
from the WCR (current wiper position), to a Data
Register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between the potentiometer and one of its associated
registers. The Read Status Register instruction is the
only unique format (see Figure 4).
Two instructions require a two-byte sequence to
complete (see Figure 2). These instructions transfer
data between the host and the X9110; either between
the host and one of the Data Registers or directly
between the host and the Wiper Counter Register.
These instructions are:
– XFR Data Register to Wiper Counter Register –
This transfers the contents of one specified Data
Register to the associated Wiper Counter Register.
– XFR Wiper Counter Register to Data Register –
This transfers the contents of the specified Wiper
Counter Register to the specified associated Data
Register.
See Instruction format for more details.
Write in Process (WIP bit)
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW
to HIGH after a complete write sequence is received by
the device. The progress of this internal write operation
can be monitored by a Write In Process bit (WIP). The
WIP bit is read with a Read Status command (see
Figure 4).
Power Up and Down Requirements
At all times, the V+ voltage must be greater than or
equal to the voltage at RH or RL, and the voltage at RH
or RL must be greater than or equal to the voltage at
V-. During power up and power down, VCC, V+, and V-
must reach their final values within 1msec of each
other.
Figure 2. Two-Byte Instruction Sequence
ID3 ID2 ID1 ID0
0
0
A0
I2
I1
I0
RB RA
SCK
SI
CS
0101
R/W
Device ID
Internal
Instruction
Opcode
Address
Register
0
0
0
0
Address
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com