Electronic Components Datasheet Search
  English  ▼

X  

X9110 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X9110
Description  Single Digitally-Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9110 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X9110 Datasheet HTML 13Page - Xicor Inc. X9110 Datasheet HTML 14Page - Xicor Inc. X9110 Datasheet HTML 15Page - Xicor Inc. X9110 Datasheet HTML 16Page - Xicor Inc. X9110 Datasheet HTML 17Page - Xicor Inc. X9110 Datasheet HTML 18Page - Xicor Inc. X9110 Datasheet HTML 19Page - Xicor Inc. X9110 Datasheet HTML 20Page - Xicor Inc. X9110 Datasheet HTML 21Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
X9110 – Preliminary Information
Characteristics subject to change without notice.
21 of 21
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty,
express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement.
Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices
at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied.
TRADEMARK DISCLAIMER:
Xicor and the Xicor logo are registered trademarks of Xicor, Inc. AutoStore, Direct Write, Block Lock, SerialFlash, MPS, and XDCP are also trademarks of Xicor, Inc. All
others belong to their respective owners.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846;
4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691;
5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection
and correction, redundancy and back-up features to prevent such an occurrence.
Xicor’s products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to
perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
©Xicor, Inc. 2000 Patents Pending
REV 1.1.4 11/13/00
www.xicor.com
ORDERING INFORMATION
Device
VCC Limits
Blank = 5V
±10%
–2.7 = 2.7 to 5.5V
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
Package
V14 = 14-Lead TSSOP
xxx = xxx-Lead XBGA
Potentiometer Organization
Pot
T =
100K
Ω
X9110
P
T
V
Y
PART MARK CONVENTION
xx Lead XBGA
Top Mark
X9110xxxx-2.7
X9110xxxx xx
X9110 xxxx
X9110xxxxx I-2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com