Electronic Components Datasheet Search
  English  ▼

X  

BGF844 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGF844
Description  GSM800 EDGE power module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGF844 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGF844 Datasheet HTML 3Page - NXP Semiconductors BGF844 Datasheet HTML 4Page - NXP Semiconductors BGF844 Datasheet HTML 5Page - NXP Semiconductors BGF844 Datasheet HTML 6Page - NXP Semiconductors BGF844 Datasheet HTML 7Page - NXP Semiconductors BGF844 Datasheet HTML 8Page - NXP Semiconductors BGF844 Datasheet HTML 9Page - NXP Semiconductors BGF844 Datasheet HTML 10Page - NXP Semiconductors BGF844 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2003 Jun 06
7
Philips Semiconductors
Product specification
GSM800 EDGE power module
BGF844
APPLICATION INFORMATION
handbook, halfpage
TEMPERATURE
COMPENSATED
GATE BIAS
C1
C3
C5
R1
L1
C2
C4
+
VS
50
Ω
output
50
Ω
input
MBL781
Z1
Z2
Fig.10 Test circuit.
List of components (see Figs 10 and 11)
Note
1. The striplines are on a double copper-clad printed-circuit board (RO5880) with
εr = 2.2 and thickness = 0.79 mm.
COMPONENT
DESCRIPTION
VALUE
CATALOGUE
NUMBER
C1, C3
multilayer X7R ceramic chip capacitor
100 nF; 50 V
C2, C5
tantalum SMD capacitor
10
µF; 35 V
C4
electrolytic capacitor
100
µF; 35 V
L1
grade 4S2 Ferroxcube bead
4330 030 36300
R1
metal film resistor
10
Ω; 0.4 W
2322 195 13109
Z1, Z2
stripline; note 1
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com