Electronic Components Datasheet Search
  English  ▼

X  

EPC610 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC610
Description  8x8 pixel 3D TOF imager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC610 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC610 Datasheet HTML 8Page - Espros Photonics corp EPC610 Datasheet HTML 9Page - Espros Photonics corp EPC610 Datasheet HTML 10Page - Espros Photonics corp EPC610 Datasheet HTML 11Page - Espros Photonics corp EPC610 Datasheet HTML 12Page - Espros Photonics corp EPC610 Datasheet HTML 13Page - Espros Photonics corp EPC610 Datasheet HTML 14Page - Espros Photonics corp EPC610 Datasheet HTML 15Page - Espros Photonics corp EPC610 Datasheet HTML 16Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
■ or alternatively: use an additional, external LED driver to adjust the illumination to the needed system sensitivity level (refer to
chapter 1.3.10.: Extended operating range).
The easiest way is to adapt the exposure time to the current illumination situation (e.g. in Figure 16). With the command formats, which al-
lows adjusting of the exposure time, it is easy to do. It is simple to change the exposure time on the fly: an “INTEGRATION” command can
be sent to the chip before a capture is initiated.
range
n-1
operation
range
n
range
n+1
range
n+2
range
n-2
Distance R
Exposure time (Integration time)
R
0
2
√2
R
0
2
R
0
√2
R
0
R
0⋅
√2
R
0⋅2
2
⋅T0
T
0
0.5
⋅T
0
0.25
⋅T
0
4
⋅T
0
Figure 16: Operating ranges as a function of distance and exposure time
based on doubling the light power to the sensor
1.3.4. Ambient-light suppression
An important function of the range-finder is the ability to separate the self-emitted and reflected modulated light EAC from the ambient light
EDC (refer to Figure 15). The built-in ambient-light suppression ESup removes the DC or low frequent signal distortions, caused by foreign
light sources e.g. sunlight, daylight, room illumination, etc., from the measuring signal. The user has not to take care of this, it is done by
the chip automatically. To see the capability of this function, refer to Table 3 for example values as a function of the wavelength and com-
pared to sunlight.
Similar to the system's sensitivity of the modulated light, is the ambient-light suppression a function of the integration time. The longer the
integration time, the more the measurement becomes sensitive to the ambient-light.
Notes:
■ The ambient-light suppression of the chip must not be confused ambient-light measurement command. It is a fixed built-in functionality,
which is removing the DC light component from the AC measurement signal only.
■ A DC or AC photo-signal can be generated by ambient-light (e.g. sunlight) or by cross-talk from the IR-LEDs. However, if this is above
the stated maximum value, then the sensor or the input electronics are saturated. This blocks the detection of the AC modulation signal.
1.3.5. Quality of the measurement result
The epc610 provides information on the quality and the validity of the received optical signal. This reflects the confidence level of the mea -
surement result. The better the received signal, the better and more precise the distance measurement will be.
Each distance measurement of every pixel has its own validity and quality.
The primary quality indicator for the measured distance data is the amplitude value of the received modulated light AAC.
After each measurement this needs to be calculated from the DCSx values delivered by the chip. This amplitude value is the feedback pa-
rameter that is used to set the integration time for the next measurement.
APIXEL−AC =
√(DCS0−DCS2)2
4
+
(DCS1−DCS3)
2
4
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
12 / 34
Datasheet epc610 - V1.7
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com