Electronic Components Datasheet Search
  English  ▼

X  

EPC610 Datasheet(PDF) 14 Page - Espros Photonics corp

Part # EPC610
Description  8x8 pixel 3D TOF imager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC610 Datasheet(HTML) 14 Page - Espros Photonics corp

Back Button EPC610 Datasheet HTML 10Page - Espros Photonics corp EPC610 Datasheet HTML 11Page - Espros Photonics corp EPC610 Datasheet HTML 12Page - Espros Photonics corp EPC610 Datasheet HTML 13Page - Espros Photonics corp EPC610 Datasheet HTML 14Page - Espros Photonics corp EPC610 Datasheet HTML 15Page - Espros Photonics corp EPC610 Datasheet HTML 16Page - Espros Photonics corp EPC610 Datasheet HTML 17Page - Espros Photonics corp EPC610 Datasheet HTML 18Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Step
Sensor status
Status
saturated
Maximum
signal
Noise
level
Modulated light
amplitude
Ambient to
modulated light
Action
AAC
AMR
1
Saturation or bright ob-
ject within scene
yes
Repeat measurement with
decreased integration time and/or illumination
2
Saturation or bright ob-
ject within scene
no
above
Repeat measurement with
decreased integration time and/or illumination
4
No object detected
no
below
below
Repeat measurement with
increased integration time or illumination
3
Over-exposure or bright
object within scene
no
below
above
> 1'000 LSB
Repeat measurement with
decreased integration time or illumination
4
No object detected
no
below
above
<
50 LSB
Repeat measurement with
increased integration time or illumination
5
Too much ambient-light
no
below
above
50 LSB … 1'000 LSB
> 60 db (or > 70 dB)
Repeat measurement with
increased integration time or illumination
6
Object detected
no
below
above
Excellent: 100 … 1'000 LSB
Sufficient
50 … 100 LSB
< 60 db (or < 70 dB)
No action necessary
Table 7: Quality decision matrix (per pixel)
1.3.6. Ambient-light measurement (optical power-meter)
Instead of getting distance data, the epc610 chip can measure the ambient-light level per pixel. Features of this powerful function are:
■ Watching the ambient-light level during the distance measurement to prevent faulty conditions or to use the information for compensation
reasons.
■ Use the ecp610 as an optical power-meter e.g. for brightness control.
■ or in combination of both: e.g. everywhere where there is a presence or an absence of an object, the illumination needs to be controlled.
■ Grayscale imaging.
The measured irradiance EDC (uncalibrated) of the received ambient-light at the pixel surface can be calculate out of the DC sensitivity S DC,
the used integration time tINT-DC, the reference integration time tINT-REF-DC and the amplitude ADC of the received ambient-light in the following
way:
EDC
= SDC⋅
t
INT-REF-DC
t
INT-DC
⋅ADC
e.g.
E
DC = 12.3
nW
/cm
2
LSB
⋅
103
μ s
1.6
μ s
⋅1'000 LSB = 792μ W /cm
2
For the distance measurements, it is not necessary to do the ambient-light measurement all the time. Usually, the ambient-light conditions
are changing slowly. It makes sense to do it as a control, in order to have enough detection margin in the receiver electronics or if the qual-
ity is indicating a faulty measure.
Notes:
■ The quality indicator for the ambient-light measurement is the ambient-light amplitude ADC. The rules to apply are the same as for the
modulated light amplitude.
■ The ambient-light measurement is a metering functionality only, which can be used for distance correction or ambient-light reading. It is
completely independent of the chip internal ambient-light suppression function that eliminates DC light components from the measure -
ment signal (refer to chapter 1.3.4. Ambient-light suppression).
■ Take care that the ambient-light measurement follows the same procedure of Figure 13. This means that all 4 frames must be mandato-
rily read. The result is: 4 similar, time sequential, black& white pictures.
1.3.7. Temperature metering
Two on-chip temperature sensors at the opposite sides of the pixel field give back uncalibrated temperature readings. The readings of
each row also contain the two temperature values.
■ This allows the compensation of the signal drifts caused by changing thermal conditions in the light source and the sensor.
■ If the user does his own calibration (e.g. °C or F), he can use it as a temperature sensor too.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
14 / 34
Datasheet epc610 - V1.7
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com