Electronic Components Datasheet Search
  English  ▼

X  

EPC610 Datasheet(PDF) 17 Page - Espros Photonics corp

Part # EPC610
Description  8x8 pixel 3D TOF imager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC610 Datasheet(HTML) 17 Page - Espros Photonics corp

Back Button EPC610 Datasheet HTML 13Page - Espros Photonics corp EPC610 Datasheet HTML 14Page - Espros Photonics corp EPC610 Datasheet HTML 15Page - Espros Photonics corp EPC610 Datasheet HTML 16Page - Espros Photonics corp EPC610 Datasheet HTML 17Page - Espros Photonics corp EPC610 Datasheet HTML 18Page - Espros Photonics corp EPC610 Datasheet HTML 19Page - Espros Photonics corp EPC610 Datasheet HTML 20Page - Espros Photonics corp EPC610 Datasheet HTML 21Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
2. Hardware Design
2.1. What performance can be achieved?
A typical example of an application is a very small 3D TOF camera (refer to Figure 20).
epc610 chip
with IR filter on top
Illumination LEDs
Figure 18: Low power, high performance 3D TOF imager
Size: 32 x 22 x 25 mm
Figure 19: Chip on PCB board
In this example, a range of up to 2.4m can be expected on white targets when using: two SFH4059 LEDs directly driven by the LED pin, a
receiver lens of ø3.6mm with a focal length of f = 2.8mm (aperture angle of 4.9° x 4.9°) and an integration time tint of 1.64ms.
The maximum measurement cycle time in this application is:
t
MEAS = 4⋅tINT + 1.73ms = 8.29ms
(refer to chapter 3.5.9. Cycle time calculation).
LED
NC1
NC2
VREF
VDDIO
VDDHPX
VDDPX
VDDCP
VDDBS
XTAL1
XTAL2
VDDT
VDDM
VDDPLL
VDDCORE
GNDLED
GNDPLL
GNDA
GND
VDD
epc610
2
3
4
5
6
7
8
9
10
11
12
13
14
17
21
22
23
24
VDD +8.5V
D1
BAS40
C9
C8
C7
C6
C5
C4
C3
10n
100n
1μ
4μ7
4μ7
4μ7
1μ
LED1
SFH4059
LED2
SFH4059
R2
4k7
R1
27R
C12
100n
GND
Low Z, fast switching connection (as short and wide conductors as possible)
15
16
C11
18p
C10
18p
Y1
4MHz
C2
1μ
C1
10μ
GND
+
D1A
BAV99
D1B
BAV99
VDDBS -5.0V
nSS
SCLK
MOSI
MISO
1
18
19
20
nSS
SCLK
MOSI
MISO
R3
0R
Figure 20: Minimum part count application
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
17 / 34
Datasheet epc610 - V1.7
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com