Electronic Components Datasheet Search
  English  ▼

X  

LM2657 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2657 Datasheet HTML 1Page - National Semiconductor (TI) LM2657 Datasheet HTML 2Page - National Semiconductor (TI) LM2657 Datasheet HTML 3Page - National Semiconductor (TI) LM2657 Datasheet HTML 4Page - National Semiconductor (TI) LM2657 Datasheet HTML 5Page - National Semiconductor (TI) LM2657 Datasheet HTML 6Page - National Semiconductor (TI) LM2657 Datasheet HTML 7Page - National Semiconductor (TI) LM2657 Datasheet HTML 8Page - National Semiconductor (TI) LM2657 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin Description (Continued)
Pin 21, V5: Upper rail of the lower FET drivers of both
channels. Also used to charge up the bootstrap capacitors of
the upper FET drivers. This is connected to an external 5V
supply. The 5V rail may be the same as the rail used to
provide power to the VDD pin (Pin 5). If these rails are
connected, the VDD pin must be well-decoupled so that it
does not interact with the V5 pin. A minimum 0.1µF (ceramic)
capacitor should be placed on the component side very
close to the IC with no intervening vias between this capaci-
tor and the V5/PGND pins.
Pin 22, VIN: The input that powers both the buck regulator
channels. It also is used by the internal ramp generator to
implement the line ‘feedforward’ feature. The VIN pin is also
used with the SENSE pin voltage to predict the CCM (con-
tinuous conduction mode) duty cycle and to thereby set the
minimum allowed DCM duty cycle to 85% of the CCM value
(in SKIP mode, see Pin 10). This is a high input impedance
pin, drawing only about 115µA from the input rail. A fault
condition will occur if this voltage drops below its UVLO
threshold.
Pin 23, LDRV1: LDRV pin of Channel 1. See Pin 20.
Pin 24, PGND1: PGND pin for Channel 1.See Pin 19.
Pin 25, BOOT1: Boot pin of Channel 1. See Pin 18.
Pin 26, HDRV1: HDRV pin of Channel 1. See Pin 17.
Pin 27, SW1: SW pin of Channel 1. See Pin 16.
Pin 28, ILIM1: Channel 1 Current Limit pin. See Pin 15.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com