Electronic Components Datasheet Search
  English  ▼

X  

LM2657 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2657 Datasheet HTML 2Page - National Semiconductor (TI) LM2657 Datasheet HTML 3Page - National Semiconductor (TI) LM2657 Datasheet HTML 4Page - National Semiconductor (TI) LM2657 Datasheet HTML 5Page - National Semiconductor (TI) LM2657 Datasheet HTML 6Page - National Semiconductor (TI) LM2657 Datasheet HTML 7Page - National Semiconductor (TI) LM2657 Datasheet HTML 8Page - National Semiconductor (TI) LM2657 Datasheet HTML 9Page - National Semiconductor (TI) LM2657 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those with boldface apply over full
Operating Junction Temperature range. VDD = V5 = 5V, V
SGND =VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1k
Ω un-
less otherwise stated (Note 4). Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typical
(Note
5)
Max
Units
V
FPWM_HI
Minimum FPWM Input
Logic High
2
V
V
FPWM_LO
Maximum FPWM Input
Logic Low
0.8
V
Power Good and OVP
V
PGOOD_HI
Power Good Upper
Threshold as a Percentage
of Internal Reference
FB voltage rising above V
FB
110
113
116
%
V
PGOOD_LOW
Power Good Lower
Threshold as a Percentage
of Internal Reference
FB voltage falling below V
FB
84
87
90
%
HYS
PGOOD
Power Good Hysteresis
7
%
∆t
PG_OK
Power Good Delay
From both output voltages “good”
to PGOOD assertion.
10
20
30
µs
∆t
PG_NOK
From the first output voltage
“bad” to PGOOD de-assertion
4
7
10
∆t
SD
From Enable low to PGOOD low
0.03
0.1
V
PGOOD_SAT
PGOOD Saturation Voltage
PGOOD de-asserted (Power Not
Good) and sinking 1.5mA
0.12
0.4
V
I
PGOOD_LEAK
PGOOD Leakage Current
PGOOD = 5V and asserted
0
1
µA
Soft-start
I
SS_CHG
Soft-start Charging Current
V
SS =1V
8
11
14
µA
R
SS_DCHG
Soft-shutdown Resistance
(SS pin to SGND, either
channel)
V
EN = 0V, VSS = 1V
1800
Ω
I
SS_DCHG
Soft-start Discharge
Current
In Current Limit
80
115
160
µA
V
SS_RESET
Soft-start pin reset voltage
(Note 6)
SS charged to 0.5V, EN low to
high
100
mV
V
OS
SS to COMP Offset
Voltage
V
SS = 0.5V and 1V, VFB1 =VFB2
=0V
600
mV
Error Amplifier
GAIN
DC Gain
70
dB
V
SLEW
Voltage Slew Rate
COMP rising
4.45
V/µs
COMP falling
2.25
BW
Unity Gain Bandwidth
6.5
MHz
I
COMP_SOURCE
COMP Source Current
V
FB = lower COMP = 0.5V
2
5mA
I
COMP_SINK
COMP Sink Current
V
FB = higher than internal
reference
COMP = 5V
7
14
mA
Current Limit and Zero-Cross
I
ILIM
ILIM Pin Current (sourcing,
either ILIM pin)
V
ILIM1 =VILIM2 =0V
46
62
76
µA
V
ILIM_TH
ILIM Threshold Voltage
-10
0
10
mV
V
SW_ZERO
Zero-cross Threshold (SW
Pin)
LDRV goes low
-2.2
mV
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com