Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 231 page
background image
Rev. 1.60
�0
�ove��e� ��� �01�
Rev. 1.60
�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
System Operation Modes
Therearesixdifferentmodesofoperationforthemicrocontroller,eachonewithitsown
specialcharacteristicsandwhichcanbechosenaccordingtothespecificperformanceand
powerrequirementsoftheapplication.Therearetwomodesallowingnormaloperationofthe
microcontroller,theNORMALModeandSLOWMode.Theremainingfourmodes,theSLEEP0,
SLEEP1,IDLE0andIDLE1ModeareusedwhenthemicrocontrollerCPUisswitchedoffto
conservepower.
Operating Mode
Description
CPU
fSYS
fSUB
fS
fTBC
�ORMAL Mode
on
fH~fH/6�
on
on
on
SLOW Mode
on
fL
on
on/off
on
IDLE0 Mode
off
off
on
on
on
IDLE1 Mode
off
on
on
on
on
SLEEP0 Mode
off
off
off
off
off
SLEEP1 Mode
off
off
on
on
off
NORMAL Mode
Asthenamesuggeststhisisoneofthemainoperatingmodeswherethemicrocontrollerhasallof
itsfunctionsoperationalandwherethesystemclockisprovidedbyoneofthehighspeedoscillators.
Thismodeoperatesallowingthemicrocontrollertooperatenormallywithaclocksourcewillcome
fromoneofthehighspeedoscillators,eithertheHXT,ERCorHIRCoscillators.Thehighspeed
oscillatorwillhoweverfirstbedividedbyaratiorangingfrom1to64,theactualratiobeingselected
bytheCKS2~CKS0andHLCLKbitsintheSMOD0register.Althoughahighspeedoscillatoris
used,runningthemicrocontrolleratadividedclockratioreducestheoperatingcurrent.
SLOW Mode
Thisisalsoamodewherethemicrocontrolleroperatesnormallyalthoughnowwithaslowerspeed
clocksource.Theclocksourceusedwillbefromoneofthelowspeedoscillators,eithertheLXT
ortheLIRC.Runningthemicrocontrollerinthismodeallowsittorunwithmuchloweroperating
currents.IntheSLOWMode,thefHisoff.
SLEEP0 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMOD0registerislow.IntheSLEEP0modetheCPUwillbestopped,andthefSUBandfSclocks
willbestoppedtoo,andtheWatchdogTimerfunctionisdisabled.Inthismode,theLVDENismust
setto"0".IftheLVDENissetto"1",itwon’tentertheSLEEP0Mode.
SLEEP1 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMOD0registerislow.IntheSLEEP1modetheCPUwillbestopped.HoweverthefSUBandfS
clockswillcontinuetooperateiftheLVDENis"1"ortheWatchdogTimerfunctionisenabledand
ifitsclocksourceischosenviaconfigurationoptiontocomefromthefSUB.
IDLE0 Mode
TheIDLE0ModeisenteredwhenaHALTinstructionisexecutedandwhentheIDLENbitinthe
SMOD0registerishighandtheFSYSONbitintheSMOD1registerislow.IntheIDLE0Modethe
systemoscillatorwillbeinhibitedfromdrivingtheCPUbutsomeperipheralfunctionswillremain
operationalsuchastheWatchdogTimer,TMs,LCDdriver,SPI1andSIM.IntheIDLE0Mode,the
systemoscillatorwillbestopped.IntheIDLE0ModetheWatchdogTimerclock,fS,willeitherbe
onoroffdependinguponthefSclocksource.IfthesourceisfSYS/4thenthefSclockwillbeoff,and
ifthesourcecomesfromfSUBthenfSwillbeon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com