Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 231 page
background image
Rev. 1.60
30
�ove��e� ��� �01�
Rev. 1.60
31
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Duringtheprogrammingprocess,takingcontrolofthePA0andRESpinsfordataandclock
programmingpurposes.Theusermusttheretakecaretoensurethatnootheroutputsareconnected
tothesetwopins.
*
*
Wr it er _V DD
DA TA
CL K
Wr it er _V SS
To o t her C ir cu it
DA TA
CL K
VS S
VD D
Wr it er C onnec to r
Si g nal s
MC U Pr og ra mm in g
Pi ns
Note:*mayberesistororcapacitor.Theresistanceof*mustbegreaterthan1korthecapacitance
of*mustbelessthan1nF.
Programmer Pin
MCU Pins
DATA
PA0
CLK
RES
In Application Programming – IAP
ThisdeviceoffersIAPfunctiontoupdatedataorapplicationprogramtoflashROM.Userscan
defineanyROMlocationforIAP,buttherearesomefeatureswhichusermustnoticeinusingIAP
function.
• Erasepage:32words/page(HT45F65)
Erasepage:64words/page(HT45F66/HT45F67)
• Writing:32words/time(HT45F65)
Writing:64words/time(HT45F66/HT45F67)
• Reading:1wod/time
In Application Programming Control Register
TheAddressregister,FARL/FARH,andtheDataregister,FD0L/FD0H,FD1L/FD1H,FD2L/FD2H
andFD3L/FD3H,locatedinDataMemoryBank0,togetherwiththeControlregister,FC0,FC1
andFC2,locatedinDataMemoryBank1arethecorrespondingFlashaccessregistersforIAP.As
indirectaddressingistheonlywaytoaccesstheFC0andFC1registers,allreadandwriteoperations
totheregistersmustbeperformedusingtheIndirectAddressingRegister,IAR1,andtheMemory
Pointer,MP1.BecausetheFC0andFC1controlregistersarelocatedattheaddressof40Hand41H
inDataMemoryBank1,theMP1MemoryPointermustfirstbesettothevalue40/41Handthe
BankPointersetto"1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com