Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 231 page
background image
Rev. 1.60
�0
�ove��e� ��� �01�
Rev. 1.60
�1
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bank Pointer – BP
TheProgramandDataMemoryaredividedintoseveralbanks.SelectingtherequiredProgramand
DataMemoryareaisachievedusingtheBankPointer.ForHT45F65,bits1~0ofBankPointeris
usedtoselectDataMemoryBanks0~2.ForHT45F66,bits5oftheBankPointerisusedtoselect
ProgramMemoryBanks0~1,whilebits0~2areusedtoselectDataMemoryBanks0~4.For
HT45F67,bits5~6oftheBankPointerisusedtoselectProgramMemoryBanks0~3,whilebits0~2
areusedtoselectDataMemoryBanks0~4.
TheDataMemoryisinitialisedtoBank0afterareset,exceptforaWDTtime-outresetinthePower
DownMode,inwhichcase,theDataMemorybankremainsunaffected.Itshouldbenotedthatthe
SpecialFunctionDataMemoryisnotaffectedbythebankselection,whichmeansthattheSpecial
FunctionRegisterscanbeaccessedfromwithinanybank.DirectlyaddressingtheDataMemory
willalwaysresultinBank0beingaccessedirrespectiveofthevalueoftheBankPointer.Accessing
datafrombanksotherthanBank0mustbeimplementedusingIndirectaddressing.
AsboththeProgramMemoryandDataMemorysharethesameBankPointerRegister,caremustbe
takenduringprogramming.
BP Register (HT45F65)
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
—
—
DMBP1
DMBP0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
DMBP1~DMBP0:selectDataMemoryBanks
00:Bank0
01:Bank1
10:Bank2
11:undefined
BP Register (HT45F66)
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
PMBP0
—
—
DMBP�
DMBP1
DMBP0
R/W
—
—
R/W
—
—
R/W
R/W
R/W
POR
—
—
0
—
—
0
0
0
Bit7~6
Unimplemented,readas"0"
Bit5
PMBP0:SelectProgramMemoryBanks
0:Bank0,ProgramMemoryAddressisfrom0000H~1FFFH
1:Bank1,ProgramMemoryAddressisfrom2000H~3FFFH
Tosuccessfullyjumptoanon-consecutiveprogrammemoryaddresslocatedin
differentprogrammemorybankusingthebranchinstructionsshcuas“JMP”or
“CALL”,theprogrammemorybankpointerbit,PMBP0,shouldfirstbeproperly
setupbeforethebranchinstructionsareexecuted.
Bit4~3
Unimplemented,readas"0"
Bit2~0
DMBP2~DMBP0:selectDataMemoryBanks
000:Bank0
001:Bank1
010:Bank2
011:Bank3
100:Bank4
110~111:Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com