Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 88 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 88 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 92Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 231 page
background image
Rev. 1.60
88
�ove��e� ��� �01�
Rev. 1.60
89
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
SFS0 Register (HT45F66/HT45F67)
Bit
7
6
5
4
3
2
1
0
�a�e
SFS07
SFS06
SFS0�
SFS0�
SFS03
SFS0�
SFS01
SFS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
SFS07:PD7specialfunctionselection
0:SEG7
1:TCK1(input)
WhenPD7issettonormalI/Oinputmode(PDC7=1&PDFS7=0),itisrecommended
todisableTM1toavoidtoobtainwrongclocksource.
Bit6
SFS06:PD6specialfunctionselection
0:SEG6
1:TP1B_2
Bit5
SFS05:PD5specialfunctionselection
0:SEG5
1:TP1B_1
Bit4
SFS04:PD4specialfunctionselection
0:SEG4
1:TP1B_0
Bit3
SFS03:PD3specialfunctionselection
0:SEG3
1:TP1A
Bit2
SFS02:PD2specialfunctionselection
0:SEG2
1:TCK0(input)
WhenPD2issettonormalI/Oinputmode(PDC2=1&PDFS2=0),itisrecommended
todisableTM0toavoidtoobtainwrongclocksource.
Bit1
SFS01:PD1specialfunctionselection
0:SEG1
1:TP0_1
Bit0
SFS00:PD0specialfunctionselection
0:SEG0
1:TP0_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com