Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 231 page
background image
Rev. 1.60
11�
�ove��e� ��� �01�
Rev. 1.60
11�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Single Pulse Mode
Toselectthismode,bitsT2M1andT2M0intheTM2C1registershouldbesetto10respectively
andalsotheT2IO1andT2IO0bitsshouldbesetto11respectively.TheSinglePulseOutputMode,
asthenamesuggests,willgenerateasingleshotpulseontheTMoutputpin.
ThetriggerforthepulseoutputleadingedgeisalowtohightransitionoftheT2ONbit,whichcan
beimplementedusingtheapplicationprogram.HoweverintheSinglePulseMode,theT2ONbit
canalsobemadetoautomaticallychangefromlowtohighusingtheexternalTCK2pin,whichwill
inturninitiatetheSinglePulseoutput.WhentheT2ONbittransitionstoahighlevel,thecounter
willstartrunningandthepulseleadingedgewillbegenerated.TheT2ONbitshouldremainhigh
whenthepulseisinitsactivestate.Thegeneratedpulsetrailingedgewillbegeneratedwhenthe
T2ONbitisclearedtozero,whichcanbeimplementedusingtheapplicationprogramorwhena
comparematchoccursfromComparatorA.
Lead in g Ed ge
Tn ON b it
0 ® 1
S/ W Co mm and
SE T "T nO N"
or
TC Kn P in T r ans it io n
Tn ON b it
1 ® 0
S/ W Co mm and
CL R "T nO N"
or
C CRA M at ch C om par e
Pu ls e Wi dt h = C CR A Va lu e
Tr a ili ng E dge
TM n Ou t put P in
Single Pulse Generation (n=2)
HoweveracomparematchfromComparatorAwillalsoautomaticallycleartheT2ONbitandthus
generatetheSinglePulseoutputtrailingedge.InthiswaytheCCRAvaluecanbeusedtocontrol
thepulsewidth.AcomparematchfromComparatorAwillalsogenerateaTMinterrupt.Thecounter
canonlyberesetbacktozerowhentheT2ONbitchangesfromlowtohighwhenthecounter
restarts.IntheSinglePulseModeCCRPisnotused.TheT2CCLRandT2DPXbitsarenotusedin
thisMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com