Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 123 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 123 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 127Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 190 page
background image
Rev. 1.10
1��
De�e��e� 1�� �01�
Rev. 1.10
1�3
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Bit0
RXAK:I2CBusReceiveacknowledgeflag
0:Slavereceiveacknowledgeflag
1:Slavedonotreceiveacknowledgeflag
TheSIMDregisterisusedtostorethedatabeingtransmittedandreceived.Thesameregisterisused
byboththeSPIandI2Cfunctions.BeforethedevicewritesdatatotheI2Cbus,theactualdatato
betransmittedmustbeplacedintheSIMDregister.AfterthedataisreceivedfromtheI2Cbus,the
devicecanreaditfromtheSIMDregister.AnytransmissionorreceptionofdatafromtheI2Cbus
mustbemadeviatheSIMDregister.
SIMD Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
SIMA Register
Bit
7
6
5
4
3
2
1
0
Na�e
IICA�
IICA5
IICA�
IICA3
IICA�
IICA1
IICA0
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~1
IICA6~IICA0:I2Cslaveaddress
IICA6~IICA0istheI2Cslaveaddressbit6~bit0.
TheSIMAregisterisalsousedbytheSPIinterfacebuthasthenameSIMC2.The
SIMAregisteristhelocationwherethe7-bitslaveaddressoftheslavedeviceis
stored.Bits7~1oftheSIMAregisterdefinethedeviceslaveaddress.Bit0isnot
defined.
Whenamasterdevice,whichisconnectedtotheI2Cbus,sendsoutanaddress,which
matchestheslaveaddressintheSIMAregister,theslavedevicewillbeselected.Note
thattheSIMAregisteristhesameregisteraddressasSIMC2whichisusedbytheSPI
interface.
Bit0
Undefinedbit
Thisbitcanbereadorwrittenbyusersoftwareprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com