Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 134 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 134 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 136Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 137Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 138Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 190 page
background image
Rev. 1.10
13�
De�e��e� 1�� �01�
Rev. 1.10
135
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
IftheTXENbitisequalto"1"andtheUARTENbitisalsoequalto"1",the
transmitterwillbeenabledandtheTXpinwillbecontrolledbytheUART.Clearing
theTXENbitduringatransmissionwillcausethedatatransmissiontobeabortedand
willresetthetransmitter.Ifthissituationoccurs,theTXpinwillbeusedasanI/Oor
otherpin-sharedfunctionalpin.
Bit6
RXEN:UARTReceiverenabledcontrol
0:UARTreceiverisdisabled
1:UARTreceiverisenabled
ThebitnamedRXENistheReceiverEnableBit.Whenthisbitisequalto"0",the
receiverwillbedisabledwithanypendingdatareceptionsbeingaborted.Inaddition
thereceivebufferswillbereset.InthissituationtheRXpinwillbeusedasanI/Oor
otherpin-sharedfunctionalpin.IftheRXENbitisequalto"1"andtheUARTENbit
isalsoequalto"1",thereceiverwillbeenabledandtheRXpinwillbecontrolledby
theUART.ClearingtheRXENbitduringareceptionwillcausethedatareceptionto
beabortedandwillresetthereceiver.Ifthissituationoccurs,theRXpinwillbeused
asanI/Oorotherpin-sharedfunctionalpin.
Bit5
BRGH:BaudRatespeedselection
0:Lowspeedbaudrate
1:Highspeedbaudrate
ThebitnamedBRGHselectsthehighorlowspeedmodeoftheBaudRateGenerator.
Thisbit,togetherwiththevalueplacedinthebaudrateregisterBRG,controlsthe
BaudRateoftheUART.Ifthisbitisequalto"1",thehighspeedmodeisselected.If
thebitisequalto"0",thelowspeedmodeisselected.
Bit4
ADDEN:Addressdetectfunctionenablecontrol
0:Addressdetectfunctionisdisabled
1:Addressdetectfunctionisenabled
ThebitnamedADDENistheaddressdetectfunctionenablecontrolbit.Whenthis
bitisequalto"1",theaddressdetectfunctionisenabled.Whenitoccurs,ifthe8th
bit,whichcorrespondstoRX7ifBNO=0orthe9thbit,whichcorrespondstoRX8if
BNO=1,hasavalueof"1",thenthereceivedwordwillbeidentifiedasanaddress,
ratherthandata.Ifthecorrespondinginterruptisenabled,aninterruptrequestwillbe
generatedeachtimethereceivedwordhastheaddressbitset,whichisthe8thor9th
bitdependingonthevalueofBNO.Iftheaddressbitknownasthe8thor9thbitofthe
receivedwordis"0"withtheaddressdetectfunctionbeingenabled,aninterruptwill
notbegeneratedandthereceiveddatawillbediscarded.
Bit3
WAKE:RXpinfallingedgewake-upfunctionenablecontrol
0:RXpinwake-upfunctionisdisabled
1:RXpinwake-upfunctionisenabled
Thebitenablesordisablesthereceiverwake-upfunction.Ifthisbitisequalto1and
thedeviceisinIDLE0orSLEEPmode,afallingedgeontheRXpinwillwakeupthe
device.Ifthisbitisequalto0andthedeviceisinIDLEorSLEEPmode,anyedge
transitionsontheRXpinwillnotwakeupthedevice.
Bit2
RIE:Receiverinterruptenablecontrol
0:Receiverrelatedinterruptisdisabled
1:Receiverrelatedinterruptisenabled
Thisbitenablesordisablesthereceiverinterrupt.Ifthisbitisequalto"1"andwhen
thereceiveroverrunflagOERRorreceivedataavailableflagRXIFisset,theUART
interruptrequestflagwillbeset.Ifthisbitisequalto"0",theUARTinterruptrequest
flagwillnotbeinfluencedbytheconditionoftheOERRorRXIFflags.
Bit1
TIIE:TransmitterIdleinterruptenablecontrol
0:Transmitteridleinterruptisdisabled
1:Transmitteridleinterruptisenabled
Thisbitenablesordisablesthetransmitteridleinterrupt.Ifthisbitisequalto"1"and
whenthetransmitteridleflagTIDLEisset,duetoatransmitteridlecondition,the
UARTinterruptrequestflagwillbeset.Ifthisbitisequalto"0",theUARTinterrupt
requestflagwillnotbeinfluencedbytheconditionoftheTIDLEflag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com