Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 132 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 132 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 134Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 135Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 136Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 190 page
background image
Rev. 1.10
13�
De�e��e� 1�� �01�
Rev. 1.10
133
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
TheTIDLEflagisknownasthetransmissioncompleteflag.Whenthisreadonly
flagis"0",itindicatesthatatransmissionisinprogress.Thisflagwillbesethigh
whentheTXIFflagis"1"andwhenthereisnotransmitdataorbreakcharacterbeing
transmitted.WhenTIDLEisequalto"1",theTXpinbecomesidlewiththepinstate
inlogichighcondition.TheTIDLEflagisclearedbyreadingtheUSRregisterwith
TIDLEsetandthenwritingtotheTXRregister.Theflagisnotgeneratedwhenadata
characterorabreakisqueuedandreadytobesent.
Bit0
TXIF:TransmitTXRdataregisterstatus
0:Characterisnottransferredtothetransmitshiftregister
1:Characterhastransferredtothetransmitshiftregister(TXRdataregisterisempty)
TheTXIFflagisthetransmitdataregisteremptyflag.Whenthisreadonlyflagis"0",
itindicatesthatthecharacterisnottransferredtothetransmittershiftregister.When
theflagis"1",itindicatesthatthetransmittershiftregisterhasreceivedacharacter
fromtheTXRdataregister.TheTXIFflagisclearedbyreadingtheUARTstatus
register(USR)withTXIFsetandthenwritingtotheTXRdataregister.Notethat
whentheTXENbitisset,theTXIFflagbitwillalsobesetsincethetransmitdata
registerisnotyetfull.
UCR1 Register
TheUCR1registertogetherwiththeUCR2registerarethetwoUARTcontrolregistersthatareused
tosetthevariousoptionsfortheUARTfunction,suchasoverallon/offcontrol,paritycontrol,data
transferbitlengthetc.Furtherexplanationoneachofthebitsisgivenbelow:
Bit
7
6
5
4
3
2
1
0
Na�e
UARTEN
BNO
PREN
PRT
STOPS
TXBRK
RX8
TX8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
W
POR
0
0
0
0
0
0
x
0
“x” unknown
Bit7
UARTEN:UARTfunctionenablecontrol
0:DisableUART.TXandRXpinsareusedasI/Oorotherpin-sharedfunctionalpins
1:EnableUART.TXandRXpinsfunctionasUARTpins
TheUARTENbitistheUARTenablebit.Whenthisbitisequalto"0",theUART
willbedisabledandtheRXpinaswellastheTXpinwillbeasGeneralPurposeI/O
orotherpin-sharedfunctionalpins.Whenthebitisequalto“1”,theUARTwillbe
enabledandtheTXandRXpinswillfunctionasdefinedbytheTXENandRXEN
enablecontrolbits.
WhentheUARTisdisabled,itwillemptythebuffersoanycharacterremainingin
thebufferwillbediscarded.Inaddition,thevalueofthebaudratecounterwillbe
reset.IftheUARTisdisabled,allerrorandstatusflagswillbereset.AlsotheTXEN,
RXEN,TXBRK,RXIF,OERR,FERR,PERRandNFbitswillbecleared,whilethe
TIDLE,TXIFandRIDLEbitswillbeset.OthercontrolbitsinUCR1,UCR2and
BRGregisterswillremainunaffected.IftheUARTisactiveandtheUARTENbitis
cleared,allpendingtransmissionsandreceptionswillbeterminatedandthemodule
willberesetasdefinedabove.WhentheUARTisre-enabled,itwillrestartinthe
sameconfiguration.
Bit6
BNO:Numberofdatatransferbitsselection
0:8-bitdatatransfer
1:9-bitdatatransfer
Thisbitisusedtoselectthedatalengthformat,whichcanhaveachoiceofeither
8-bitor9-bitformat.Whenthisbitisequalto"1",a9-bitdatalengthformatwillbe
selected.Ifthebitisequalto"0",thenan8-bitdatalengthformatwillbeselected.If
9-bitdatalengthformatisselected,thenbitsRX8andTX8willbeusedtostorethe
9thbitofthereceivedandtransmitteddatarespectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com