Electronic Components Datasheet Search
  English  ▼

X  

HT68F006 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 60Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 61Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 62Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 63Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 66Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 67Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Rev. 1.00
64
��to�e� ��� �01�
Rev. 1.00
65
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Counte� Value
0x3FF
CCRP
CCRA
Tn�N
TnPAU
TnP�L
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM �/P Pin
Time
CCRA=0
CCRA = 0
Counte� ove�flow
CCRA > 0 Counte� �lea�ed �y CCRA value
Pause
Resume
Stop
Counte� Resta�t
TnCCLR = 1; TnM [1:0] = 00
�utput pin set to
initial Level Low
if Tn�C=0
�utput Toggle with
TnAF flag
Note TnI� [1:0] = 10
A�tive High �utput sele�t
He�e TnI� [1:0] = 11
Toggle �utput sele�t
�utput not affe�ted �y
TnAF flag. Remains High
until �eset �y Tn�N �it
�utput Pin
Reset to Initial value
�utput �ont�olled �y
othe� pin-sha�ed fun�tion
�utput Inve�ts
when TnP�L is high
TnPF not
gene�ated
No TnAF flag
gene�ated on
CCRA ove�flow
�utput does
not �hange
Compare Match Output Mode – TnCCLR=1
Note:1.WithTnCCLR=1,aComparatorAmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge
4.TheTnPFflagisnotgeneratedwhenTnCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com