Electronic Components Datasheet Search
  English  ▼

X  

HT68F006 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 74Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 75Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Rev. 1.00
78
��to�e� ��� �01�
Rev. 1.00
79
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Configuration Options
ConfigurationoptionsrefertocertainoptionswithintheMCUthatareprogrammedintothedevices
duringtheprogrammingprocess.Duringthedevelopmentprocess,theseoptionsareselectedusing
theHT-IDEsoftwaredevelopmenttools.Astheseoptionsareprogrammedintothedevicesusing
thehardwareprogrammingtools,oncetheyareselectedtheycannotbechangedlaterusingthe
applicationprogram.Alloptionsmustbedefinedforpropersystemfunction,thedetailsofwhichare
showninthetable.
No.
Options
Oscillator Option
1
High Speed / Low Speed System �s�illato� Sele�tion – f�SC:
HIRC+LIRC�
HXT+LIRC
Watchdog Option
�
Wat�hdog Time�:Ena�le/Disa�le
Always ena�led
Softwa�e �ont�olled
Application Circuits
OS C1
OS C2
OS C
Ci rc ui t
Se e O sc illa to r
Se ct io n
PA 0~ PA 7
VD D
VSS
0. 1 m F
V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com