Electronic Components Datasheet Search
  English  ▼

X  

HT68F006 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Rev. 1.00
10
��to�e� ��� �01�
Rev. 1.00
11
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
D.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
�pe�ating Voltage
(HXT� HIRC)
—
fSYS=8MHz
�.�
—
5.5
V
fSYS=1�MHz
�.7
—
5.5
V
fSYS=�0MHz
4.5
—
5.5
V
IDD1
�pe�ating Cu��ent�
No�mal Mode� fSYS=fH
(HXT)
3V
No load� fH=4MHz� WDT ena�le
—
0.6
0.9
mA
5V
—
1.8
�.7
mA
3V
No load� fH=8MHz� WDT ena�le
—
1.1
1.7
mA
5V
—
�.9
4.4
mA
3V
No load� fH=1�MHz� WDT ena�le
—
1.6
�.5
mA
5V
—
4.1
6.�
mA
3V
No load� fH=16MHz� WDT ena�le
—
�.0
3.0
mA
5V
—
5.�
7.8
mA
5V No load� fH=�0MHz� WDT ena�le
—
6.4
9.6
mA
IDD�
�pe�ating Cu��ent�
No�mal Mode� fSYS=fH
(HIRC)
3V
No load� fH=4MHz� WDT ena�le
—
0.6
0.9
mA
5V
—
1.8
�.7
mA
3V
No load� fH=8MHz� WDT ena�le
—
1.1
1.7
mA
5V
—
�.9
4.4
mA
3V
No load� fH=1�MHz� WDT ena�le
—
1.6
�.5
mA
5V
—
4.1
6.�
mA
IDD3
�pe�ating Cu��ent� Slow Mode�
fSYS=fL=LIRC
3V No load� fSYS=LIRC�
WDT ena�le� LVR disa�le
—
10
�0
μA
5V
—
30
50
μA
IDD3A
�pe�ating Cu��ent� Slow Mode�
fSYS=fL=LIRC
3V No load� fSYS=LIRC�
WDT ena�le � LVR ena�le
—
40
60
μA
5V
—
90
135
μA
IDD4
�pe�ating Cu��ent�
No�mal Mode� fH=1�MHz
(HIRC)
3V
No load� fSYS=fH/�� WDT ena�le
—
1.7
�.4
mA
5V
—
�.6
4.4
mA
3V
No load� fSYS=fH/4� WDT ena�le
—
1.6
�.4
mA
5V
—
�.4
4.0
mA
3V
No load� fSYS=fH/8� WDT ena�le
—
1.5
�.�
mA
5V
—
�.�
3.6
mA
3V
No load� fSYS=fH/16� WDT ena�le
—
1.4
�.0
mA
5V
—
�.0
3.�
mA
3V
No load� fSYS=fH/3�� WDT ena�le
—
1.3
1.8
mA
5V
—
1.8
�.8
mA
3V
No load� fSYS=fH/64� WDT ena�le
—
1.�
1.6
mA
5V
—
1.6
�.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com