Electronic Components Datasheet Search
  English  ▼

X  

HT68F006 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
Rev. 1.00
1�
��to�e� ��� �01�
Rev. 1.00
13
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
A.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
�pe�ating Clo�k
—
�.�V~5.5V
DC
—
8
MHz
�.7V~5.5V
DC
—
1�
MHz
4.5V~5.5V
DC
—
�0
MHz
fSYS
System Clo�k (HXT)
—
�.�V~5.5V
0.4
—
8
MHz
�.7V~5.5V
0.4
—
1�
MHz
4.5V~5.5V
0.4
—
�0
MHz
fHIRC
System Clo�k (HIRC)
3V/5V
Ta=�5°C
-�%
4
+�%
MHz
3V/5V
Ta=�5°C
-�%
8
+�%
MHz
5V
Ta=�5°C
-�%
1�
+�%
MHz
3V/5V
Ta=0~70°C
-5%
4
+5%
MHz
3V/5V
Ta=0~70°C
-5%
8
+4%
MHz
5V
Ta=0~70°C
-5%
1�
+3%
MHz
�.�V~3.6V Ta=0~70°C
-7%
4
+7%
MHz
3.0V~5.5V Ta=0~70°C
-5%
4
+9%
MHz
�.�V~3.6V Ta=0~70°C
-6%
8
+4%
MHz
3.0V~5.5V Ta=0~70°C
-4%
8
+9%
MHz
3.0V~5.5V Ta=0~70°C
-6%
1�
+7%
MHz
�.�V~3.6V Ta=-40°C~85°C
-1�%
4
+8%
MHz
3.0V~5.5V Ta=-40°C~85°C
-10%
4
+9%
MHz
�.�V~3.6V Ta=-40°C~85°C
-15%
8
+5%
MHz
3.0V~5.5V Ta=-40°C~85°C
-8%
8
+9%
MHz
3.0V~5.5V Ta=-40°C~85°C
-1�%
1�
+7%
MHz
fTIMER
Time� I/P F�equen�y
�.�~5.5V
—
�
—
8
MHz
�.7~5.5V
—
�
—
10
MHz
3.3~5.5V
—
�
—
1�
MHz
4.5~5.5V
—
�
—
16
MHz
fLIRC
System Clo�k (LIRC)
5V
Ta=�5°C
-10%
3�
+10%
kHz
tINT
Inte��upt Pulse Width
—
—
1
—
—
tSYS
tLVR
Low Voltage Width to Reset
—
—
1�0
�40
480
μs
tSST
System Sta�t-up Time� Pe�iod
(Wake-up f�om HALT)
—
fSYS=XTAL
—
10�4
—
tSYS
fSYS=HIRC �SC
—
15~16
—
fSYS=LIRC �SC
—
1~�
—
tRSTD
System Reset Delay Time
(Powe� �n Reset)
—
—
�5
50
100
ms
System Reset Delay Time
(Any Reset ex�ept Powe� �n Reset)
—
—
8.3
16.7
33.3
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedevicesaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com