Electronic Components Datasheet Search
  English  ▼

X  

HT68F006 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
Rev. 1.00
16
��to�e� ��� �01�
Rev. 1.00
17
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthedeviceseries
theProgramMemoryareFlashtype,whichmeansitcanbeprogrammedandre-programmeda
largenumberoftimes,allowingtheusertheconvenienceofcodemodificationonthesamedevice.
Byusingtheappropriateprogrammingtools,theseFlashdevicesofferuserstheflexibilityto
convenientlydebuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogramming
andupdating.
Structure
TheProgramMemoryhasacapacityof0.5K×16bitsor1K×16bits.TheProgramMemoryis
addressedbytheProgramCounterandalsocontainsdata,tableinformationandinterruptentries.
Tabledata,whichcanbesetupinanylocationwithintheProgramMemory,isaddressedbya
separatetablepointerregister.
Device
Capacity
HT68F005
0.5K×16
HT68F006
1K×16
In te rr upt
Ve ct or
0004H
01 FF H
16 b it s
001C H
In te rr upt
Ve ct or
16 b it s
03 FF H
Re se t
0000H
06 $&. #
Re se t
06 $&. $
Program Memory Structure
Special Vectors
WithintheProgramMemory,certainlocationsarereservedfortheresetandinterrupts.Thelocation
000Hisreservedforusebythesedevicesresetforprograminitialisation.Afteradeviceresetis
initiated,theprogramwilljumptothislocationandbeginexecution.
Look-up Table
AnylocationwithintheProgramMemorycanbedefinedasalook-uptablewhereprogrammerscan
storefixeddata.Tousethelook-uptable,thetablepointermustfirstbesetupbyplacingtheaddress
ofthelookupdatatoberetrievedinthetablepointerregister,TBLPandTBHP.Theseregisters
definethetotaladdressofthelook-uptable.
Aftersettingupthetablepointer,thetabledatacanberetrievedfromtheProgramMemoryusing
the"TABRD[m]"or"TABRDL[m]"instructions,respectively.Whentheinstructionisexecuted,
thelowerordertablebytefromtheProgramMemorywillbetransferredtotheuserdefined
DataMemoryregister[m]asspecifiedintheinstruction.Thehigherordertabledatabytefrom
theProgramMemorywillbetransferredtotheTBLHspecialregister.Anyunusedbitsinthis
transferredhigherorderbytewillbereadas“0”.
Theaccompanyingdiagramillustratestheaddressingdataflowofthelook-uptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com