Electronic Components Datasheet Search
  English  ▼

X  

HT82V48 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82V48 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Rev. 1.20
5
May 19, 2017
HT82V48
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
High level output voltage
IOH=1mA
DVDD-0.5
—
—
V
VOL
LOR level output voltage
IOL=1mA
—
—
0.5
V
IOZ
High impedance output current
—
—
—
1
μA
Digital I/O Pins
VIH
Applied high level input voltage
—
0.7×DVDD
—
—
V
VIL
Applied low level input voltage
—
—
—
0.2×DVDD
V
VOH
High level output voltage
IOH=1mA
DVDD-0.5
—
V
VOL
Low level output voltage
IOL=1mA
—
—
0.5
V
IIL
Low level input current
—
—
—
1
μA
IIH
High level input current
—
—
—
1
μA
IOZ
High impedance output current
—
—
—
1
μA
Supply Currents
Total supply current
—
—
290
—
mA
Analogue supply current
—
—
240
—
mA
Digital supply current
—
—
50
—
mA
Power down mode
—
—
400
—
μA
A.C. Characteristics
AVDD=DVDD=3.3V, AVSS=DVSS=0V, Ta=25°C, ADCK=60MHz unless otherwise stated.
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Unit
Clock Parameter
tADCK
ADCK period
—
16.67
—
—
ns
DUTY
ADCK duty
—
45
50
55
%
tSSH
SH setup time
—
0
—
4
ns
tHSH
SH hold time
—
0
—
4
ns
tSH
SH width
—
—
1/2
—
ADCK
Serial Control Interface
tSSCK
SCK setup time
—
10
—
—
ns
tHSCK
SCK hold time
—
10
—
—
ns
tSSD
SD setup time
—
10
—
—
ns
tHSD
SD hold time
—
10
—
—
ns
tTSD
SD transition time; input/output alternated
—
5
—
—
ns
Data Output
tVD
3-state to data valid
—
—
3
4
ns
tZD
Output enable high to 3-state
—
—
3
4
ns
tDD
Data output propagation delay
—
—
8
10
ns
LAT
Output latency (Pipeline delay)
—
—
—
7
ADCK
Note:Parametersaremeasuredat50%oftherising/fallingedge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com