Electronic Components Datasheet Search
  English  ▼

X  

HT82V48 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82V48 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 1.20
1
May 19, 2017
Rev. 1.00
PB
May 19, 2017
HT82V48
6-Channel, 16-Bit,
120MSPS CIS Analog Signal Processor
Features
• 3.3Voperatingvoltage
• Upto120MSPSfor6-channelinputs
• 9-bitprogrammablegainamplifier
• 8-bitprogrammableoffset
• 4-bitprogrammableline-clampingbias
• Internalvoltagereference
• 3-wireserialcontrolinterface
• 48-pinLQFP-EPpackage
Applications
• CurrencyScannerDoubleSidedScanners
General Description
The HT82V48 is a fully integrated, dual high
performance 16-bit 3-channel 60MSPS analog
signalprocessorforhigh-speeddouble-sidedscanner
applications.
EachchannelconsistaSampleandHoldAmplifier,
a9-bitProgrammableGainAmplifierandan8-bit
offsetcorrectionDigitaltoAnalogConverter.The
PGAandoffsetDACareprogrammedindependently
allowinguniquevaluesofgainandoffsetforthetwo
3-channelanaloginputs.Eachofthe3-channelsignals
areroutedtoa60MHzhighperformanceanalog-to-
digitalconverter.
Forimagesensorreferencelevelstabilisation,the
devicealsoprovideprogrammableline-clampingbias
internally.
Theinternalregistersareprogrammedthrougha
3-wireserialinterface,whichprovidestimingcontrol,
gain,offsetandoperatingmodeadjustments.
Thedeviceoperatesfromasingle3.3Vpowersupply
withatypicalpowerconsumptionof925mW.
Block Diagram
Bandgap
Reference
VIB1
3:1
3:1
MUX
VIG1
VIR1
SHA
SHA
+
+
+
PGA
PGA
PGA
BIAS1
OS1R[7:0]
OS1G[7:0]
OS1B[7:0]
PGA1R[8:0]
PGA1G[8:0]
PGA1B[8:0]
SHA
Clamp
DAC
Clamp
DAC
Offset
DAC
Clamp
DAC
CDAC[3:0]
AFE #1
VIB2
VIG2
VIR2
BIAS2
AFE #2
3:1
3:1
MUX
16-bit
ADC
SEB
D[15:8]
D[7:0]
OEB
16-bit
ADC
MUX
SD
SCK
CLP
SH
ADCK
DVSS1
DVDD1
AVSS1
AVDD1
REFB1
CML1
REFT1
DVSS2
DVDD2
AVSS2
AVDD2
REFB2
CML2
REFT2
AFE
TG
SCI
CTL
REG


Similar Part No. - HT82V48

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
CIS Analog Signal Processor
November 20, 2009
HT82V42 HOLTEK-HT82V42 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
HT82V46 HOLTEK-HT82V46 Datasheet
1Mb / 27P
16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
November 24, 2011
More results

Similar Description - HT82V48

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
June 24, 2004
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
16-Bit CCD/CIS Analog Signal Processor
June 29, 2004
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
August 16, 2005
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
M1008 UTC-M1008_15 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com