Electronic Components Datasheet Search
  English  ▼

X  

HT82V48 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Rev. 1.20
9
May 19, 2017
HT82V48
Control Registers
Register Mapping
HereXdenotseAFE#1andAFE#2;YdenotsechannelR,channelGandchannelB
Address
Description
POR
D7
D6
D5
D4
D3
D2
D1
D0
00h
System Setup Register 1
07h
ODFM[1:0]
0
0
60M
AFE2B AFE1B
PDNB
01h
AFE Setup Register 1
00h
CDAC[3:0]
CLPEN CRNG CDACB
LOR
02h
AFE_1 CH_R PGA gain
00h
PGA1R[7:0]
03h
00h
—
PGA1R[8]
04h
AFE_1 CH_G PGA gain
00h
PGA1G[7:0]
05h
00h
—
PGA1G[8]
06h
AFE_1 CH_B PGA gain
00h
PGA1B[7:0]
07h
00h
—
PGA1B[8]
08h
AFE_2 CH_R PGA gain
00h
PGA2R[7:0]
09h
00h
—
PGA2R[8]
0Ah
AFE_2 CH_G PGA gain
00h
PGA2G[7:0]
0Bh
00h
—
PGA2G[8]
0Ch
AFE_2 CH_B PGA gain
00h
PGA2B[7:0]
0Dh
00h
—
PGA2B[8]
0Eh
AFE_1 CH_R Offset value
00h
OS1R[7:0]
0Fh
AFE_1 CH_G Offset value
00h
OS1G[7:0]
10h
AFE_1 CH_B Offset value
00h
OS1B[7:0]
11h
AFE_2 CH_R Offset value
00h
OS2R[7:0]
12h
AFE_2 CH_G Offset value
00h
OS2G[7:0]
13h
AFE_2 CH_B Offset value
00h
OS2B[7:0]
14h
Reserved
50h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com