Electronic Components Datasheet Search
  English  ▼

X  

HT82V48 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82V48 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev. 1.20
6
May 19, 2017
HT82V48
Functional Description
Introduction
TheHT82V48cansampleuptotwogroupsofthree
inputs,namelyVIR1,VIG1,VIB1,VIR2,VIG2and
VIB2simultaneously.Aftersamplingthedevicethen
processesthesampledvideosignalswithrespect
to an external reference level. Each processing
channelconsistsofaninputsamplingblock,a4-bit
programmableRLCDAC,an8-bitprogrammable
offsetDACand9-bitProgrammableGainAmplifier.
TheADCthenconvertseachresultinganalogue
signaltoa16-bitdigitalword.Thedigitaloutput
fromtheADCisthenpresentedonan8-bitor16-bit
widebus.Internalcontrolregistersdeterminethe
configurationofthedevice,includingthebias,offsets
andgainappliedoneachchannel.Theseregisters
areprogrammableviathedevices’SerialControl
Interface.
Internal Power-On-Reset Circuit
TheinternalPORCircuitpowerissuppliedonAVDD
andisusedtoresetdigitallogicintoadefaultstate
afterpower-up.ThePORcircuitisactivefroma
voltageequalto0.6VTyp.ofAVDDandisreleasedwhen
thevoltagereaches1.2VTyp.ofAVDD.(or0.7VTyp.of
DVDDifAVDDpowersupbeforeDVDD).WhenAVDD
orDVDDreturnsto0.6VTyp.thePORwillagainre-
active.Toensurethecontrolregisterscontentsareat
theirdefaultvaluesbeforecarryingoutanyotherreg-
isterwritesitisrecommendedthatasoftwareresetis
issuedeachtimethepoweriscycled.
Power Management
Afterthedeviceispoweredup,theregisterbit,
PDNB,allowsthedevicetobefullypowereddown
when cleared to zero. Individual blocks can be
powereddownusingthebitsinSystemSetupRegister
1.
References
TheADCreferencevoltagesarederivedfroman
internalbandgapreferenceandbufferedtopinsREFT
andREFB,wheretheymustbedecoupledtoground.
Pin CML is driven by a similar buffer and also
requiresdecoupling.TheoutputbufferfromtheCLP
DACalsorequiresdecouplingonpinsBIAS1and
BIAS2.
S/H Processing
Thevideolevelisprocessedwithrespecttothe
voltageonpinsBIAS1andBIAS2.BIAS1andBIAS2
voltagearesampledatthesametimeasSHsamples
thevideolevel.
Bias and Clamping
External Bias
TheS/Hcircuitreferencelevelsaresuppliedbythe
BIAS1andBIAS2pins.
Internal Bias
TheS/HcircuitreferencelevelissuppliedbytheCLP
DACwhenCDACB=1.Thelevelisprogrammedby
theCDAC[3:0]bits.TheoperationisshowninFigure1.
Line Clamping
Insituationswheretheinputvideosignaldoesnot
haveastablereferencelevelitmaybenecessaryto
clamponlywhenthosepixelswhichhaveaknown
state(e.g.thedummy,orblackpixelsatthestartor
endofalineofmostimagesensors).UsetheCLP
pintoidentifytheblackpixelsandenabletheclamp
atthesametimeaswhentheinputisbeingsampled
(i.e.whenSHishighandCLPishigh).Thismodeis
enabledbysettingCLPEN=1.Theoperationisshown
inFigure2.
Analog Input Signal Sampling
ThereisonlyoneS/Hmodesupportedbythedevice.
TheADCK:SHratioismaintainedat3:1.
ForAFE#1,VIR1,VIG1andVIB1videoinputsare
sampledatthesametimeandconvertedbyahigh-
speedA/Dconvertertomultiplexeddigitaldata.The
AFE#2videoinputs,VIR2,VIG2andVIB2are
alsosampledatthesametime.Thereferencetiming
diagramisshowninFigure3.
Output Formats
The device output can be presented in several
differentformatsundercontroloftheODFM[1:0]
registerbitsasshowninFigure3.
The device supports 8-bit (ODFM[1:0]=[0,0])
resolutionwhenAFE#1andAFE#2areoperatedat
thesametimeduringvideosignalprocessing.For
DClevelcalibration,16-bitresolutionisenabledby
settingODFM[1:0]=[0,1]or[1,0]forAFE#1or
AFE#2.
Offset Adjust and Programmable Gain
An8-bitOffsetDACisprovidedtocompensate
foroffsetsandthenamplifiedbya9-bitPGA.The
gainandoffsetforeachchannelareindependently
programmable by control bits OSXY[7:0] and
PGAXY[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com